Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
13
AT45DB021E
DS-AT45DB021E—8789J—03/2021
6.5
Main Memory Page Read
A Main Memory Page Read allows the user to read data directly from any one of the 1,024 pages in the main
memory, bypassing the data buffer and leaving the contents of the Buffer unchanged. To start a Main Memory
Page Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted then an opcode
of D2h must be clocked into the device followed by three address bytes (which comprise the 24-bit page and byte
address sequence) and four dummy bytes. The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify
which page of the main memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address sequence
specify the starting byte address within the page. To perform a Main Memory Page Read with the binary page size
(256 bytes), the opcode D2h must be clocked into the device followed by three address bytes (A17 - A0) and four
dummy bytes. The first 10 bits (A17 - A8) of the 18-bit address sequence specify which page of the main memory
array to read, and the last eight bits (A7 - A0) of the 18-bit address sequence specify the starting byte address
within that page. The dummy bytes that follow the address bytes are sent to initialize the read operation. Following
the dummy bytes, the additional pulses on SCK result in data being output on the SO (Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. Unlike the Continuous Array Read command, when the end of a page in main memory is reached,
the device continues reading back at the beginning of the same page rather than the beginning of the next page.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The Main
Memory Page Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
6.6
Buffer Read
The data buffer can be accessed independently from the main memory array, and using the Buffer Read command
allows data to be sequentially read directly from the Buffer. Two opcodes, D4h or D1h, can be used for the Buffer
Read command. The use of each opcode depends on the maximum SCK frequency that is used to read data from
the Buffer. The D4h opcode can be used at any SCK frequency up to the maximum specified by fCAR while the D1h
opcode can be used for lower frequency read operations up to the maximum specified by fCAR2.
To perform a Buffer Read using the standard DataFlash buffer size (264 bytes), the opcode must be clocked into
the device followed by three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 -
BFA0). To perform a Buffer Read using the binary buffer size (256 bytes), the opcode must be clocked into the
device followed by three address bytes comprised of 16 dummy bits and eight address bits (A7 - A0). Following the
address bytes, one dummy byte must be clocked into the device to initialize the read operation if using opcode
D4h. The CS must remain low during the loading of the opcode, the address bytes, the dummy byte (for opcode
D4h only), and the reading of data. When the end of a buffer is reached, the device continues reading back at the
beginning of the Buffer. A low-to-high transition on the CS pin terminates the read operation and tri-state the output
pin (SO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com