Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 34Page - Dialog Semiconductor AT45DB021E Datasheet HTML 35Page - Dialog Semiconductor AT45DB021E Datasheet HTML 36Page - Dialog Semiconductor AT45DB021E Datasheet HTML 37Page - Dialog Semiconductor AT45DB021E Datasheet HTML 38Page - Dialog Semiconductor AT45DB021E Datasheet HTML 39Page - Dialog Semiconductor AT45DB021E Datasheet HTML 40Page - Dialog Semiconductor AT45DB021E Datasheet HTML 41Page - Dialog Semiconductor AT45DB021E Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
37
AT45DB021E
DS-AT45DB021E—8789J—03/2021
11.3 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, the CS pin must be pulsed by asserting the CS pin, waiting the
minimum necessary tCSLU time, and then deasserting the CS pin again. To facilitate simple software development,
a dummy byte opcode can also be entered while the CS pin is being pulsed; the dummy byte opcode is ignored by
the device in this case. After the CS pin has been deasserted, the device exits from the Ultra-Deep Power-Down
mode and returns to the standby mode within a maximum time of tXUDPD. If the CS pin is reasserted before the
tXUDPD time has elapsed in an attempt to start a new operation, then that operation is ignored and nothing is
performed. The system must wait for the device to return to the standby mode before normal command operations
such as Continuous Array Read can be resumed.
Since the contents of the Buffer cannot be maintained while in the Ultra-Deep Power-Down mode, the Buffer
contains undefined data when the device returns to the standby mode.
Figure 11-4. Exit Ultra-Deep Power-Down Timing
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com