Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 49Page - Dialog Semiconductor AT45DB021E Datasheet HTML 50Page - Dialog Semiconductor AT45DB021E Datasheet HTML 51Page - Dialog Semiconductor AT45DB021E Datasheet HTML 52Page - Dialog Semiconductor AT45DB021E Datasheet HTML 53Page - Dialog Semiconductor AT45DB021E Datasheet HTML 54Page - Dialog Semiconductor AT45DB021E Datasheet HTML 55Page - Dialog Semiconductor AT45DB021E Datasheet HTML 56Page - Dialog Semiconductor AT45DB021E Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
52
AT45DB021E
DS-AT45DB021E—8789J—03/2021
19.5 Program and Erase Characteristics
20
Input Test Waveforms and Measurement Levels
21
Output Test Load
Symbol
Parameter
Typ
Max
Typ
Max
Units
tEP
Page Erase and Programming Time (256/264
bytes)
10
35
10
25
ms
tP
Page Programming Time
1.5
3
1.5
3
ms
tBP
Byte Programming Time
8
8
µs
tPE
Page Erase Time
6
25
6
25
ms
tBE
Block Erase Time
25
35
25
35
ms
tSE
Sector Erase Time
350
550
350
550
ms
tCE
Chip Erase Time
3
4
3
4
s
tOTPP
OTP Security Register Program Time
200
500
200
500
µs
AC
Driving
Levels
AC
Measurement
Level
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2ns (10% to 90%)
Device
Under
Test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com