Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 43Page - Dialog Semiconductor AT45DB021E Datasheet HTML 44Page - Dialog Semiconductor AT45DB021E Datasheet HTML 45Page - Dialog Semiconductor AT45DB021E Datasheet HTML 46Page - Dialog Semiconductor AT45DB021E Datasheet HTML 47Page - Dialog Semiconductor AT45DB021E Datasheet HTML 48Page - Dialog Semiconductor AT45DB021E Datasheet HTML 49Page - Dialog Semiconductor AT45DB021E Datasheet HTML 50Page - Dialog Semiconductor AT45DB021E Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
46
AT45DB021E
DS-AT45DB021E—8789J—03/2021
Table 16-7. Detailed Bit-level Addressing Sequence for Standard DataFlash Page Size (264 bytes)
1. Shown to indicate when Auto Page Rewrite Operation is executed.
2. Shown to indicate when Read Modify Write Operation is executed.
Note:
P = Page Address bit; B = Byte/Buffer Address bit; X = Dummy bit.
Page Size = 264-bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Hex
Opcode
Binary
01h
0
0
0
0
0
0
0
1
X X X X X P P P P P P P P P
P B B B B B B B B B
N/A
02h
0
0
0
0
0
0
1
0
X X X X X P P P P P P P P P
P B B B B B B B B B
N/A
03h
0
0
0
0
0
0
1
1
X X X X X P P P P P P P P P
P B B B B B B B B B
N/A
0Bh
0
0
0
0
1
0
1
1
X X X X X P P P P P P P P P
P B B B B B B B B B
1
1Bh
0
0
0
1
1
0
1
1
X X X X X P P P P P P P P P
P B B B B B B B B B
2
32h
0
0
1
1
0
0
1
0
X X X X X X X X X X X X X X
X X X X X X X X X X
N/A
35h
0
0
1
1
0
1
0
1
X X X X X X X X X X X X X X
X X X X X X X X X X
N/A
50h
0
1
0
1
0
0
0
0
X X X X X P P P P P P P X X
X X X X X X X X X X
N/A
53h
0
1
0
1
0
0
1
1
X X X X X P P P P P P P P P
P X X X X X X X X X
N/A
58h 1
0
1
0
1
1
0
0
0
X X X X X P P P P P P P P P
P X X X X X X X X X
N/A
58h 2
0
1
0
1
1
0
0
0
X X X X X P P P P P P P P P
P B B B B B B B B B
N/A
60h
0
1
1
0
0
0
0
0
X X X X X P P P P P P P P P
X X X X X X X X X X
N/A
77h
0
1
1
1
0
1
1
1
X X X X X X X X X X X X X X
X X X X X X X X X X
N/A
79h
0
1
1
1
1
0
0
1
N/A
N/A
N/A
N/A
7Ch
0
1
1
1
1
1
0
0
X X X X X P P P X X X X X X
X X X X X X X X X X
N/A
81h
1
0
0
0
0
0
0
1
X X X X X P P P P P P P P P
P X X X X X X X X X
N/A
82h
1
0
0
0
0
0
1
0
X X X X X P P P P P P P P P
P B B B B B B B B B
N/A
83h
1
0
0
0
0
0
1
1
X X X X X P P P P P P P P P
P X X X X X X X X X
N/A
84h
1
0
0
0
0
1
0
0
X X X X X X X X X X X X X X
X B B B B B B B B B
N/A
88h
1
0
0
0
1
0
0
0
X X X X X P P P P P P P P P
P X X X X X X X X X
N/A
9Fh
1
0
0
1
1
1
1
1
N/A
N/A
N/A
N/A
B9h
1
0
1
1
1
0
0
1
N/A
N/A
N/A
N/A
ABh
1
0
1
0
1
0
1
1
N/A
N/A
N/A
N/A
D1h
1
1
0
1
0
0
0
1
X X X X X X X X X X X X X X
X B B B B B B B B B
N/A
D2h
1
1
0
1
0
0
1
0
X X X X X P P P P P P P P P
P B B B B B B B B B
4
D4h
1
1
0
1
0
1
0
0
X X X X X X X X X X X X X X
X B B B B B B B B B
1
D7h
1
1
0
1
0
1
1
1
N/A
N/A
N/A
N/A
E8h
1
1
1
0
1
0
0
0
X X X X X P P P P P P P P P
P B B B B B B B B B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com