Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 35Page - Dialog Semiconductor SLG47004V Datasheet HTML 36Page - Dialog Semiconductor SLG47004V Datasheet HTML 37Page - Dialog Semiconductor SLG47004V Datasheet HTML 38Page - Dialog Semiconductor SLG47004V Datasheet HTML 39Page - Dialog Semiconductor SLG47004V Datasheet HTML 40Page - Dialog Semiconductor SLG47004V Datasheet HTML 41Page - Dialog Semiconductor SLG47004V Datasheet HTML 42Page - Dialog Semiconductor SLG47004V Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
39 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
5.6 MATRIX OE IO STRUCTURE
Figure 4: Matrix OE IO Structure Diagram
Digital OUT
OE
PP1x_EN
Digital OUT
OE
PP2x_EN
Digital OUT
OE
OD1x_EN
Digital OUT
OE
OD2x_EN
172 Ω
(Note 2)
LV_EN
SMT_EN
WOSMT_EN
Digital IN
s0
s1
s2
s3
Analog IO
900 kΩ
90 kΩ
10 kΩ
Floating
s1
s0
Pull-up_EN
Res_sel
[1:0]
00: Floating
01: 10 kΩ
10: 100 kΩ
11: 1 MΩ
Non-Schmitt
Trigger Input
Schmitt
Trigger Input
Low Voltage
Input
Input Mode registers [1153:1152]
00: Digital In without Schmitt Trigger, wosmt_en = 1
01: Digital In with Schmitt Trigger, smt_en = 1
10: Low Voltage Digital In mode, lv_en = 1
11: analog IO mode
Output Mode [1:0]
00: Push-Pull 1x mode, pp1x_en = 1
01: Push-Pull 2x mode, pp2x_en = 1, pp1x_en = 1
10: NMOS 1x Open-Drain mode, od1x_en = 1
11: NMOS 2x Open-Drain mode, od2x_en = 1, od1x_en = 1
Note 1: Digital Out and OE are Matrix Output, Digital In is Matrix Input.
Note 2: Can be varied over PVT, for reference only.
VDD
VDD
VDD
VDD
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com