Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 8Page - Dialog Semiconductor SLG47004V Datasheet HTML 9Page - Dialog Semiconductor SLG47004V Datasheet HTML 10Page - Dialog Semiconductor SLG47004V Datasheet HTML 11Page - Dialog Semiconductor SLG47004V Datasheet HTML 12Page - Dialog Semiconductor SLG47004V Datasheet HTML 13Page - Dialog Semiconductor SLG47004V Datasheet HTML 14Page - Dialog Semiconductor SLG47004V Datasheet HTML 15Page - Dialog Semiconductor SLG47004V Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
12 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
1
Block Diagram
Figure 1: Block Diagram
Chopper
ACMP
Low Power Vref
Temperature
Sensor
Analog Switch 1/
Current Sink Mode
3-bit
LUT3_4
or DFF7
Programmable
Delay or Edge
Detect
Prog,
OA0
Filter with
Edge Detect
Combination Function Macrocells
2-bit
LUT2_0
or DFF0
2-bit
LUT2_2
or DFF2
2-bit
LUT2_1
or DFF1
3bit
LUT3_0
or DFF3
3-bit
LUT3_2
or DFF5
3-bit
LUT3_1
or DFF4
3-bit
LUT3_5
or DFF8
POR
I2C Serial
Communication
3-bit LUT3_7
/DFF11
+8bit
CNT/DLY1
3-bit LUT3_8
/DFF12
+8bit
CNT/DLY2
3-bit LUT3_9
/DFF13
+8bit
CNT/DLY3
3-bit LUT3_11
/DFF15
+8bit
CNT/DLY5
3-bit LUT3_12
/DFF16
+8bit
CNT/DLY6
2-bit
LUT2_3
or PGen
3-bit
LUT3_3
or DFF6
3-bit LUT3_10
/DFF14
+8bit
CNT/DLY4
4-bit LUT4_1
/DFF17+
16bit
CNT/DLY0
VDDA
OA0+
OA0-
OA0_OUT
RH0_A
In-System
Programmability
Multiple Time
Programmable
Memory
RH0_B
OA1_OUT
IO6
IO5
IO4
IO3
IO2
AGND
OA1-
OA1+
RH1_A
RH1_B
SCL
SDA
IO1
Oscillators
25
MHz
2.048
kHz
2.048
MHz
2K bits
EEPROM
Emulation
Multi-Function Macrocells
IO7
IO0
GND
VDD
Prog,
OA1
4-bit
LUT4_0
or DFF10
Analog Switch 0/
Voltage Regulator Mode
3-bit LUT3_13
or Pipe Delay
or Ripple CNT
3-bit
LUT3_6
or DFF9
Int.
OA
Programmable
Trim Block
1024 Position
Rheostat
1024 Position
Rheostat
HD
Buffer
ACMP0L
ACMP1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com