Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 93Page - Dialog Semiconductor SLG47004V Datasheet HTML 94Page - Dialog Semiconductor SLG47004V Datasheet HTML 95Page - Dialog Semiconductor SLG47004V Datasheet HTML 96Page - Dialog Semiconductor SLG47004V Datasheet HTML 97Page - Dialog Semiconductor SLG47004V Datasheet HTML 98Page - Dialog Semiconductor SLG47004V Datasheet HTML 99Page - Dialog Semiconductor SLG47004V Datasheet HTML 100Page - Dialog Semiconductor SLG47004V Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
97 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
9.1.2 ACMP1L Block Diagram
9.2 CHOPPER ANALOG COMPARATOR
There is one Chopper Rail-to-Rail Analog Comparator (ACMP) macrocells in the SLG47004. It is possible to use Chopper
ACMP to do in system trim by changing the Rheostat resistance in Auto-Trim mode. It is also possible to use a Chopper ACMP
as a general purpose analog comparator.
The chopper ACMP power up signal is controlled either by internal Auto-Trim logic (Set 0/1 of Digital Rheostat 0/1) or by matrix
input.
The chopper ACMP is automatically powered on during the calibration time to control the up/down signal of the counter/rheostat,
when the Auto-Trim is enabled (register [909]= 0).
In order to use Chopper ACMP as a standalone comparator (Auto-Trim mode is disabled, register [909] = 1) user should provide
the clock signal to this macrocell. Clock source can be internal oscillators or any pulses from the connection matrix.
Note that clock frequency for the Chopper ACMP shouldn’t be greater than fChACMP. Please refer to Table 23.
Output of Chopper ACMP can be optionally inverted by register [882].
The matrix output [85] is used to control chopper ACMP power up signal for the general purpose usage, see Figure 59. It is
possible to use the chopper ACMP as a general purpose ACMP after Auto-Trim procedure is completed, since the power up
signal is a logic OR of the latched Set (Digital Rheostat 0/1) signal and matrix signal. If Auto-Trim (Set 0/1 of Digital Rheostat
0/1) is disabled and chopper ACMP channel is set to Auto (Channel 0/1), then ACMP output defaults to Channel 0 while
Channel 1 is ignored.
The power-up signals need to be active high in order to use the Chopper ACMP. By connecting to signals coming from the
Connection Matrix, it is possible to have ACMP be ON continuously, OFF continuously, or switched on periodically based on a
Figure 58: ACMP1L Block Diagram
1000000
0111111-
0000000
GPIO
00
01
10
11
From ACMP0_L_IN+
Temp Sensor
Selectable
Gain
registers [637:636]
Vref
+
-
From Connection
Matrix Output [90]
pUp
6-bit
Hysteresis
Selection
registers [651:646]
registers [639:638]
Low Power
ACMP
To Connection
Matrix Input [57]
ACMP
Ready
Latch
0
1
register [634]
W/S Control
GPIO
OA1_Out
registers [645:640]
registers [651:646]
registers [645:640]
Vref
LPF
register [635]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com