Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 63Page - Dialog Semiconductor SLG47004V Datasheet HTML 64Page - Dialog Semiconductor SLG47004V Datasheet HTML 65Page - Dialog Semiconductor SLG47004V Datasheet HTML 66Page - Dialog Semiconductor SLG47004V Datasheet HTML 67Page - Dialog Semiconductor SLG47004V Datasheet HTML 68Page - Dialog Semiconductor SLG47004V Datasheet HTML 69Page - Dialog Semiconductor SLG47004V Datasheet HTML 70Page - Dialog Semiconductor SLG47004V Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
67 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
Figure 29: 3-bit LUT13/Pipe Delay/Ripple Counter
3-bit LUT13 OUT
IN1
IN0
registers [855:848]
From Connection
Matrix Output [47]
From Connection
Matrix Output [48]
IN2
From Connection
Matrix Output [49]
16 Flip-Flops
nRST
IN
CLK
From Connection
Matrix Output [47]
From Connection
Matrix Output [48]
From Connection
Matrix Output [49]
registers [855:852]
registers [851:848]
0
1
To Connection
Matrix Input [26]
0
1
0
1
register [858]
0
1
To Connection
Matrix Input [27]
UP/DOWN
Control
SET
Control
Mode & SET/END
Value Control
3 Flip-Flops
D
Q
nQ
CL
D
Q
nQ
CL
D
Q
nQ
CL
DFF1
DFF2
DFF3
Ripple Counter
Pipe Delay
From Connection
Matrix Output [47]
From Connection
Matrix Output [49]
From Connection
Matrix Output [48]
UP
CLK
nSET
registers [854:848]
OUT0
OUT1
OUT2
OUT1
OUT0
register [857]
OUT0
OUT1
register [859]
To Connection
Matrix Input[28]
register [858]
0
1
OUT2
1 Pipe OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com