Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 13Page - Dialog Semiconductor SLG47004V Datasheet HTML 14Page - Dialog Semiconductor SLG47004V Datasheet HTML 15Page - Dialog Semiconductor SLG47004V Datasheet HTML 16Page - Dialog Semiconductor SLG47004V Datasheet HTML 17Page - Dialog Semiconductor SLG47004V Datasheet HTML 18Page - Dialog Semiconductor SLG47004V Datasheet HTML 19Page - Dialog Semiconductor SLG47004V Datasheet HTML 20Page - Dialog Semiconductor SLG47004V Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
17 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
3.4 ELECTRICAL CHARACTERISTICS
Table 6: EC at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Min
Typ
Max
Unit
VIH
HIGH-Level Input Voltage
Logic Input (Note 1)
0.7x
VDD
--
VDD+ 0.3
V
Logic Input with Schmitt Trigger
0.8x
VDD
--
VDD+ 0.3
V
Low-Level Logic Input (Note 1)
1.25
--
VDD+ 0.3
V
VIL
LOW-Level Input Voltage
Logic Input (Note 1)
GND-
0.3
--
0.3x
VDD
V
Logic Input with Schmitt Trigger
GND-
0.3
--
0.2x
VDD
V
Low-Level Logic Input (Note 1)
GND-
0.3
--
0.5
V
VHYS
Schmitt Trigger Hysteresis
Voltage
VDD = 2.5 V +/- 8 % (Note 1)
0.28
0.43
0.54
V
VDD = 3.3 V +/- 10 % (Note 1)
0.34
0.46
0.56
V
VDD = 5 V +/- 10 % (Note 1)
0.50
0.63
0.74
V
VO
Maximal Voltage Applied to
any PIN in High Impedance
State
--
--
VDD+
0.3
V
VOH
HIGH-Level Output Voltage
Push-Pull, 1x Drive, IOH = 1 mA,
VDD = 2.4 V (Note 1)
2.178
--
--
V
Push-Pull, 1x Drive, IOH = 1 mA,
VDD = 2.5 V (Note 1)
2.389
--
--
V
Push-Pull, 1x Drive, IOH = 1 mA,
VDD = 2.7 V (Note 1)
2.598
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3.0 V (Note 1)
2.712
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3.3 V (Note 1)
3.039
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3.6 V (Note 1)
3.36
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 4.5 V (Note 1)
4.157
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 5.0 V (Note 1)
4.678
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 5.5 V (Note 1)
5.201
--
--
V
Push-Pull, 2x Drive, IOH = 1 mA,
VDD = 2.4 V (Note 1)
2.239
--
--
V
Push-Pull, 2x Drive, IOH = 1 mA,
VDD = 2.5 V (Note 1)
2.443
--
--
V
Push-Pull, 2x Drive, IOH = 1 mA,
VDD = 2.7 V (Note 1)
2.648
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3.0 V (Note 1)
2.854
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3.3 V (Note 1)
3.165
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3.6 V (Note 1)
3.474
--
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com