Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 3Page - Dialog Semiconductor SLG47004V Datasheet HTML 4Page - Dialog Semiconductor SLG47004V Datasheet HTML 5Page - Dialog Semiconductor SLG47004V Datasheet HTML 6Page - Dialog Semiconductor SLG47004V Datasheet HTML 7Page - Dialog Semiconductor SLG47004V Datasheet HTML 8Page - Dialog Semiconductor SLG47004V Datasheet HTML 9Page - Dialog Semiconductor SLG47004V Datasheet HTML 10Page - Dialog Semiconductor SLG47004V Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
7 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
Figure 113: Small Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 512 kHz......................128
Figure 114: Small Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 2 MHz.........................129
Figure 115: Small Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 8 MHz.........................129
Figure 116: Large Signal Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 80 pF, BW = 128 kHz .............................130
Figure 117: Large Signal Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 80 pF, BW = 512kHz ..............................130
Figure 118: Large Signal Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 80 pF, BW = 2 MHz ................................131
Figure 119: Large Signal Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 80 pF, BW = 8 MHz ................................131
Figure 120: Large Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 128 kHz......................132
Figure 121: Large Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 512 kHz......................132
Figure 122: Large Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 2 MHz ........................133
Figure 123: Large Signal Non-Inverting Step Response G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 8 MHz ........................133
Figure 124: Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 128 kHz ............................................134
Figure 125: Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 512 kHz ............................................134
Figure 126: Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 2 MHz ...............................................135
Figure 127: Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 8 MHz ...............................................135
Figure 128: Non-Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 128 kHz.....................................136
Figure 129: Non-Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 512 kHz.....................................136
Figure 130: Non-Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 2 MHz .......................................137
Figure 131: Non-Inverting Overload Recovery G = -1 V/V, RL = 50 kΩ, CL = 60 pF, BW = 8 MHz .......................................137
Figure 132: Small Signal Overshoot vs. Capacitive Load VDD = 3.3 V, G = 1 V/V, BW = 128 kHz .......................................138
Figure 133: Small Signal Overshoot vs. Capacitive Load VDD = 3.3 V, G = 1 V/V, BW = 512 kHz .......................................138
Figure 134: Small Signal Overshoot vs. Capacitive Load VDD = 3.3 V, G = 1 V/V, BW = 2 MHz..........................................139
Figure 135: Small Signal Overshoot vs. Capacitive Load VDD = 3.3 V, G = 1 V/V, BW = 8 MHz..........................................139
Figure 136: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 128 kHz, RLOAD = 600 Ω....................................140
Figure 137: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 128 kHz, RLOAD = 50 kΩ ....................................140
Figure 138: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 128 kHz, RLOAD = 600 Ω....................................141
Figure 139: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 128 kHz, RLOAD = 50 kΩ....................................141
Figure 140: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 512 kHz, RLOAD = 50 kΩ ....................................142
Figure 141: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 512 kHz, RLOAD = 50 kΩ ....................................142
Figure 142: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 512 kHz, RLOAD = 600 Ω....................................143
Figure 143: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 512kHz, RLOAD = 50 kΩ.....................................143
Figure 144: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 2 MHz, RLOAD = 600 Ω.......................................144
Figure 145: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 2 MHz, RLOAD = 50 kΩ.......................................144
Figure 146: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 2 MHz, RLOAD = 600 Ω ......................................145
Figure 147: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 2 MHz, RLOAD = 50 kΩ.......................................145
Figure 148: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 8MHz, RLOAD = 600 Ω........................................146
Figure 149: Output Voltage Low (VOUT - GND) vs. Temperature at BW = 8 MHz, RLOAD = 50 kΩ.......................................146
Figure 150: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 8 MHz, RLOAD = 600 Ω ......................................147
Figure 151: Output Voltage High (VDDA- VOUT) vs. Temperature at BW = 8 MHz, RLOAD = 50 kΩ.......................................147
Figure 152: Overload Recovery Time vs. Power Supply Voltage RL= 50 kΩ; G = 1 V/V, Rising...........................................148
Figure 153: Overload Recovery Time vs. Power Supply Voltage RL= 50 kΩ; G = 1 V/V, Falling ..........................................148
Figure 154: Output Response to Power Down Signal G = 1 V/V; RL = 50 kΩ; CL = 20 pF; VIN = VS/2, BW = 128 kHz ......149
Figure 155: Output Response to Power Down Signal G = 1 V/V; RL = 50 kΩ; CL = 20 pF; VIN = VS/2, BW = 512 kHz ......149
Figure 156: Output Response to Power Down Signal G = 1 V/V; RL = 50 kΩ; CL = 20 pF; VIN = VS/2, BW = 2 MHz .........150
Figure 157: Output Response to Power Down Signal G = 1 V/V; RL = 50 kΩ; CL = 20 pF; VIN = VS/2, BW = 8 MHz .........150
Figure 158: Opampx Turn-On/Off Time vs. VDD at VIN = VDD/2, BW = 128 kHz ................................................................151
Figure 159: Opampx Turn-On/Off Time vs. VDD at VIN = VDD/2, BW = 512 kHz ................................................................151
Figure 160: Opampx Turn-On/Off Time vs. VDD at VIN = VDD/2, BW = 2 MHz ...................................................................152
Figure 161: Opampx Turn-On/Off Time vs. VDD at VIN = VDD/2, BW = 8MHz ....................................................................152
Figure 162: Opamps Quiescent Current Consumption vs. VDD......................................................................................................................153
Figure 163: Analog Switch 0 Control Circuit...........................................................................................................................154
Figure 164: Analog Switch 1 Control Circuit...........................................................................................................................155
Figure 165: Structure of Half Bridge.......................................................................................................................................156
Figure 166: Typical RON vs. Input Voltage (Vi) for Vi = 0 to VDDA, ILOAD = 1 mA, VDDA = 2.4 V................................................157
Figure 167: Typical RON vs. Input Voltage (Vi) for Vi = 0 to VDDA, ILOAD = 1 mA, VDDA = 5.5 V................................................157
Figure 168: Turn-On Time vs. VDD at RLOAD = 100 Ω to GND, VIN = VDD/2.......................................................................................................158
Figure 169: Turn-Off Time vs. VDD at RLOAD = 100 Ω to GND, VIN = VDD/2.......................................................................................................158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com