Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 28Page - Dialog Semiconductor SLG47004V Datasheet HTML 29Page - Dialog Semiconductor SLG47004V Datasheet HTML 30Page - Dialog Semiconductor SLG47004V Datasheet HTML 31Page - Dialog Semiconductor SLG47004V Datasheet HTML 32Page - Dialog Semiconductor SLG47004V Datasheet HTML 33Page - Dialog Semiconductor SLG47004V Datasheet HTML 34Page - Dialog Semiconductor SLG47004V Datasheet HTML 35Page - Dialog Semiconductor SLG47004V Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
32 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
IQ
(including
charge pump
current
consumption)
Full Shutdown
T = -40 °C to +85 °C,
VDDA = 2.5 V to 5.5 V
--
103.352
--
nA
Partial Shutdown
(Note 3),
BW = 128 kHz
T = 25 °C
--
14.916
--
µA
Partial Shutdown
(Note 3),
BW = 8.192 MHz
T = 25 °C
--
14.916
--
µA
Frequency Response
GBW
Gain Bandwidth Product RLOAD = 10 kΩ,
CLOAD = 20 pF,
G = +1 V/V
BW = 128 kHz
90
128
166
kHz
BW = 512 kHz
358
512
666
kHz
BW = 2.048 MHz
1434
2048
2662
kHz
BW = 8.192 MHz
5734
8192
10650
kHz
PM
Phase Margin
G = +1 V/V,
BW = 128 kHz → 8.192 MHz; RLOAD
= 10 kΩ,
CLOAD = 20 pF
44
70
--
degree
SR
Slew Rate
RLOAD = 50 kΩ,
CLOAD = 85 pF
BW = 128 kHz,
T = -40 °C to +85 °C
--
0.091
--
V/µs
BW = 512 kHz,
T = -40 °C to +85 °C
--
0.380
--
V/µs
BW = 2.048 MHz,
T = -40 °C to +85 °C
--
1.834
--
V/µs
BW = 8.192 MHz,
T = -40 °C to +85 °C
--
6.310
--
V/µs
tOR
Overload Recovery
Time
T = -40 °C to +85 °C
RLOAD = 50 kΩ
--
500
--
µs
Noise
THD
Total Harmonic
Distortion
AV = 1,
RLOAD = 50 kΩ,
VOUT(PP) =
VDD/2
f = 1 kHz,
BW = 128 kHz
--
1.3
--
%
f = 1 kHz,
BW = 512 kHz
--
0.2
--
%
f = 1 kHz,
BW = 2.048 MHz
--
0.7
--
%
f = 1 kHz,
BW = 8.192 MHz
--
0.1
--
%
en
Input Voltage Noise
f = 0.1 to 10 Hz
--
4
--
µVpp
Vn
Input Voltage Noise
Density
f = 1 kHz
BW = 128 kHz
--
--
130
nV/
BW = 512 kHz
--
--
125
BW = 2.048 MHz
--
--
120
BW = 8.192 MHz
--
--
75
In
Input Current Noise
Density
f = 1 kHz
--
1
--
fA/
Shutdown Characteristics
Table 22: EC of OA, VDDA = 2.4 V to 5.5 V, VCM = VDDA/2, VOUT ≈ VDDA/2, RL = 100 kΩ to VDDA/2, CL = 50 pF, T = 25 °C
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com