Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 18Page - Dialog Semiconductor SLG47004V Datasheet HTML 19Page - Dialog Semiconductor SLG47004V Datasheet HTML 20Page - Dialog Semiconductor SLG47004V Datasheet HTML 21Page - Dialog Semiconductor SLG47004V Datasheet HTML 22Page - Dialog Semiconductor SLG47004V Datasheet HTML 23Page - Dialog Semiconductor SLG47004V Datasheet HTML 24Page - Dialog Semiconductor SLG47004V Datasheet HTML 25Page - Dialog Semiconductor SLG47004V Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
22 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
3.5 I2C PINS ELECTRICAL CHARACTERISTICS
RPULL
Pull-up or Pull-down
Resistance
1 M for Pull-up: VIN = GND;
for Pull-down: VIN = VDD (Note 1)
0.72
1.12
1.4
MΩ
100 k for Pull-up: VIN = GND;
for Pull-down: VIN = VDD (Note 1)
72
110
134.4
kΩ
10 k For Pull-up: VIN = GND;
for Pull-down: VIN = VDD (Note 1)
6.32
10
13.5
kΩ
CIN
Input Capacitance
PINs 10, 11
--
2.905
--
pF
PIN 12
--
3.476
--
pF
PINs 15, 16
--
3.677
--
pF
PINs 17, 18, 19
--
10.228
--
pF
PIN 20
--
27.964
--
pF
PIN 21
--
5.671
--
pF
Note 1 No hysteresis.
Note 2 DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Table 7: EC of the I2C Pins at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Fast-Mode
Fast-Mode Plus
Unit
Min
Max
Min
Max
VIL
LOW-level Input
Voltage
-0.5
0.3xVDD
-0.5
0.3xVDD
V
VIH
HIGH-level Input
Voltage
0.7xVDD
5.5
0.7xVDD
5.5
V
VHYS
Hysteresis of Schmitt
Trigger Inputs
0.05xVDD
--
0.05xVDD
--
V
VOL1
LOW-Level Output
Voltage 1
(Open-Drain) at 3 mA sink
current
VDD > 2 V
0
0.4
0
0.4
V
VOL2
LOW-Level Output
Voltage 2
(Open-Drain) at 2 mA sink
current
VDD ≤ 2 V
0
0.2xVDD
0
0.2xVDD
V
IOL
LOW-Level Output
Current (Note 1)
VOL = 0.4 V, VDD = 2.4 V
3
--
16.75
--
mA
VOL = 0.4 V, VDD = 3.0 V
3
--
20
--
mA
VOL = 0.4 V, VDD = 4.5 V
3
--
20
--
mA
VOL= 0.6 V
6
--
--
--
mA
tof
Output Fall Time from
VIHmin to VILmax
(Note 1)
14x
(VDD/5.5
V)
250
10x
(VDD/5.5
V)
120
ns
tSP
Pulse Width of Spikes
that must be
suppressed by the
Input Filter
0
50
0
50
ns
Ii
Input Current (each
IO Pin)
0.1xVDD < VI < 0.9xVDDmax
-10
+10
-10
+10
µA
Ci
Capacitance (each IO
Pin)
--
10
--
10
pF
Table 6: EC at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted(Continued)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com