Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 48Page - Dialog Semiconductor SLG47004V Datasheet HTML 49Page - Dialog Semiconductor SLG47004V Datasheet HTML 50Page - Dialog Semiconductor SLG47004V Datasheet HTML 51Page - Dialog Semiconductor SLG47004V Datasheet HTML 52Page - Dialog Semiconductor SLG47004V Datasheet HTML 53Page - Dialog Semiconductor SLG47004V Datasheet HTML 54Page - Dialog Semiconductor SLG47004V Datasheet HTML 55Page - Dialog Semiconductor SLG47004V Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
52 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
Figure 14: 2-bit LUT1 or DFF1
Figure 15: 2-bit LUT2 or DFF2
DFF1
CLK
D
2-bit LUT1 OUT
IN0
IN1
To Connection Matrix
Input [2]
4-bits NVM
From Connection Matrix Output [3]
1-bit NVM
registers [1487:1484]
register [1493]
From Connection Matrix Output [2]
Q/nQ
register [1487] DFF or LATCH Select
register [1486] Output Select (Q or nQ)
register [1485] DFF Initial Polarity Select
LUT Truth
Table
DFF/Latch
Registers
S0
S1
S0
S1
S0
S1
0: 2-bit LUT1 IN1
1: DFF1 Data
0: 2-bit LUT1 Out
1: DFF1 Out
0: 2-bit LUT1 IN0
1: DFF1 CLK
DFF2
CLK
D
2-bit LUT2 OUT
IN0
IN1
To Connection Matrix
Input [3]
4-bits NVM
From Connection Matrix Output [5]
1-bit NVM
registers [1491:1488]
register [1494]
From Connection Matrix Output [4]
Q/nQ
register [1491] DFF or LATCH Select
register [1490] Output Select (Q or nQ)
register [1489] DFF Initial Polarity Select
LUT Truth
Table
DFF/Latch
Registers
S0
S1
S0
S1
S0
S1
0: 2-bit LUT2 IN1
1: DFF2 Data
0: 2-bit LUT2 Out
1: DFF2 Out
0: 2-bit LUT2 IN0
1: DFF2 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com