Electronic Components Datasheet Search
  English  ▼

X  

SLG47004V Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004V Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG47004V Datasheet HTML 33Page - Dialog Semiconductor SLG47004V Datasheet HTML 34Page - Dialog Semiconductor SLG47004V Datasheet HTML 35Page - Dialog Semiconductor SLG47004V Datasheet HTML 36Page - Dialog Semiconductor SLG47004V Datasheet HTML 37Page - Dialog Semiconductor SLG47004V Datasheet HTML 38Page - Dialog Semiconductor SLG47004V Datasheet HTML 39Page - Dialog Semiconductor SLG47004V Datasheet HTML 40Page - Dialog Semiconductor SLG47004V Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
37 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
5
IO Pins
The SLG47004 has a total of 7 GPIO Pins which can function as either a user-defined Input or Output, as well as serve as a
special function (such as outputting the voltage reference) and 1 GPI Pin.
5.1 GPIO PINS
IO0, IO1, IO2, IO3, IO4, IO5, and IO6 serve as General Purpose IO Pins.
5.2 GPI PINS
I0 serve as General Purpose Input Pin.
5.3 PULL-UP/DOWN RESISTORS
All IO Pins have the option of user-selectable resistors that can be connected to the pin structure. The selectable values on these
resistors are 10 k
Ω, 100 kΩ, and 1 MΩ. The internal resistors can be configured as either Pull-up or Pull-downs.
5.4 FAST PULL-UP/DOWN DURING POWER-UP
During power-up, IO Pull-up/down resistance will switch to 2.6 k
Ω initially and then it will switch to normal setting value. This
function is enabled by register [1207].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com