| Electronic Components Datasheet Search |
|
SLG47004V Datasheet(PDF) 66 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG47004V Datasheet(HTML) 66 Page - Dialog Semiconductor |
|
66 / 292 page ![]() Datasheet 10-Mar-2021 CFR0011-120-00 Revision 2.4 66 of 292 © 2021 Dialog Semiconductor SLG47004 GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features Preliminary This macrocell, when programmed for a LUT function, uses a 16-bit register to define their output function: 4-Bit LUT0 is defined by registers [847:832] 7.5 3-BIT LUT OR PIPE DELAY/RIPPLE COUNTER MACROCELL There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay/Ripple Counter. When used to implement LUT functions, the 3-bit LUT takes in three input signals from the connection matrix and produces a single output, which goes back into the connection matrix. When used as a Pipe Delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK), and Reset (nRST). The Pipe Delay cell is built from 16 D Flip-Flop logic cells that provide the three delay options, two of which are user selectable. The DFF cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell input (IN). Both of the two outputs (OUT0 and OUT1) provide user selectable options for 1 to 16 stages of delay. There are delay output points for each set of the OUT0 and OUT1 outputs to a 4-input mux that is controlled by registers [851:848] for OUT0 and registers [855:852] for OUT1. The 4-input MUX is used to control the selection of the amount of delay. The overall time of the delay is based on the clock used in the SLG47004 design. Each DFF cell has a time delay of the inverse of the clock time (either external clock or the internal Oscillator within the SLG47004). The sum of the number of DFF cells used will be the total time delay of the Pipe Delay logic cell. OUT1 Output can be inverted (as selected by register [859]). In the Ripple Counter mode, there are 3 options for setting, which use 7 bits. There are 3 bits to set nSET value (SV) in range from 0 to 7. It is a value, which will be set into the Ripple Counter outputs when nSET input goes LOW. End value (EV) will use 3 bits for setting outputs code, which will be last code in the cycle. After reaching the EV, the Ripple Counter goes to the first code by the rising edge on CLK input. The Functionality mode option uses 1 bit. This setting defines how exactly Ripple Counter will operate. The user can select one of the functionality modes by register: RANGE or FULL. If the RANGE option is selected, the count starts from SV. If UP input is LOW the count goes down: SV→EV→EV-1 to SV+1→SV, and others (if SV is smaller than EV), or SV→SV- 1 to EV+1→EV→SV (if SV is bigger than EV). If UP input is HIGH, count starts from SV up to EV, and others. In the FULL range configuration the Ripple Counter functions as follows. If UP input is LOW, the count starts from SV and goes down to 0. Then current counter value jumps to EV and goes down to 0, and others. If UP input is HIGH, count goes up starting from SV. Then current counter value jumps to 0 and counts up to EV, and others. See Ripple Counter functionality example in Figure 30. Every step is executed by the rising edge on CLK input. Table 44: 4-bit LUT Standard Digital Functions Function MSB LSB AND-4 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 NAND-4 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 OR-4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 NOR-4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 XOR-4 0 1 1 0 1 0 0 1 1 0 0 1 0 1 1 0 XNOR-4 1 0 0 1 0 1 1 0 0 1 1 0 1 0 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |