Electronic Components Datasheet Search
  English  ▼

X  

IMX6SDLCEC Datasheet(PDF) 168 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 168 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 168Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 169Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 168 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
168
NXP Semiconductors
Revision History
Rev. 2.2
8/2013
• 21x21 functional contact table: changed from NAND to NANDF
• System Timing Parameters Table 39, Reset timing parameter, CC1 description, change from:
“Duration of SRC_POR_B to be qualified as valid (<= 5 ns)” to:
“Duration of SRC_POR_B to be qualified as valid”
and added a footnote to the parameter with the following text:
“SRC_POR_B rise and fall times must be 5 ns or less.”
Rev. 2.1
5/2013
Substantive changes throughout this document are as follows:
• Incorporated standardized signal names. This change is extensive throughout.
• Added reference to EB792, i.MX Signal Name Mapping.
• Figures updated to align to standardized signal names.
• Updated references to eMMC standard to include 4.41.
• Added MediaLB (MLB) feature and DTCP module to the commercial temperature grade version.
• Figure 1 Part Number Nomenclature: Updates to Part differentiator section to align with Table 1.
• Table 1 “Orderable Part Numbers,” added Arm core information to the Options column:
2x “Arm Cortex-A9” 64-bit to 6DualLite
1x “Arm Cortex -A9” 32-bit to 6Solo
• Table 2 Changed reference to Global Power Controller to read General Power Controller.
• Table 8 “Operating Ranges,” added reference for information on product lifetime: i.MX 6Dual/6Quad
Product Usage Lifetime Estimates Application Note, AN4725.
• Table 10 “Maximum Supply Currents,” updated footnote 2.
• Table 11 Stop Mode Current and Power Consumption: Added SNVS Only mode.
• Table 60 RGMII parameter TskewT minimum and maximum values corrected.
• Table 60 RGMII parameter TskewR units corrected.
• Table 97 Clarification of ENET_REF_CLK naming.
• Added Table 98, "Signals with Differing Before Reset and After Reset States," on page 153.
• Removed section, EIM Signal Cross Reference. Signal names are now aligned with reference manual.
• Removed table from Section 3.2, “Recommended Connections for Unused Analog Interfaces and
referenced the Hardware Development Guide.
• Section 1.2, “Features added bulleted item regarding the SOC-level memory system.
• Section 1.2, “Features Camera sensors: Changed Camera port to be up to 180 MHz peak.
• Added Section 1.3, “Updated Signal Naming Convention
• Section 4.2.1, “Power-Up Sequence” updated wording.
• Section 4.3.2, “Regulators for Analog Modules” section updates.
• Added Section 4.6.1, “XTALI and RTC_XTALI (Clock Inputs) DC Parameters.”
• Section 4.10, “General-Purpose Media Interface (GPMI) Timing” figures replaced, tables revised.
Table 102. i.MX 6Solo/6DualLite Data Sheet Document Past Revision Histories (continued)
Rev.
Number
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com