| Electronic Components Datasheet Search |
|
DA14531MOD Datasheet(PDF) 8 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA14531MOD Datasheet(HTML) 8 Page - Dialog Semiconductor |
|
8 / 32 page ![]() DA14531MOD SmartBond TINYTM Module Final Datasheet Revision 3.1 31-May-2021 CFR0011-120-00 8 of 32 © 2021-2021 Dialog Semiconductor Pin # Pin Name Type Reset State Description J7 VBAT PWR POWER. Battery connection. IO supply J8 P0_11 DIO (Type A) I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power down J9 P0_10 DIO (Type A) I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power down SWDIO INPUT/OUTPUT. SWI Data input/output. Bidirectional data and control communication (by default) J10 P0_2 DIO (Type B) I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power- down SWCLK INPUT SWI clock signal (by default) J11 GND GND Ground J12 P0_0 DIO (Type B) Note 2 I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power- down RST RST active high hardware reset (default) J13 P0_7 DIO (Type A) I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power down J14 P0_5 DIO (Type B) I-PD INPUT/OUTPUT with selectable pull up/down resistors. Pull-down enabled during and after reset. General purpose I/O port bit or alternate function nodes. Contains state retention mechanism during power down |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |