Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 12Page - Dialog Semiconductor DA14531MOD Datasheet HTML 13Page - Dialog Semiconductor DA14531MOD Datasheet HTML 14Page - Dialog Semiconductor DA14531MOD Datasheet HTML 15Page - Dialog Semiconductor DA14531MOD Datasheet HTML 16Page - Dialog Semiconductor DA14531MOD Datasheet HTML 17Page - Dialog Semiconductor DA14531MOD Datasheet HTML 18Page - Dialog Semiconductor DA14531MOD Datasheet HTML 19Page - Dialog Semiconductor DA14531MOD Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
16 of 32
© 2021-2021 Dialog Semiconductor
6.2
Labeling
Figure 7: Reel Labeling
7
Application Information
There are some special considerations for the use of the TINYTM module, namely:
•
The RST signal is shared with the MOSI input of the NOR flash. For this reason, RST must
not be driven to GND. When the internal Flash is in use, the reset functionality is not
available.
•
The SPI Bus of DA14531 is used for the communication of the SoC with the NOR Flash at
boot time. Three of the four signals are not driven to external module pins. For this reason, a
sensor that utilizes the SPI bus must be assigned (by software) on to the module pins to
communicate with after boot is completed and when NOR Flash is no longer in use. An
example is given in Figure 11.
PROJECT
NAME
DA14531
1Mbit
NOR
Flash
P0_0/RST
P0_1
P0_3
P0_4
P0_2
P0_5
P0_6
P0_7
P0_8
P0_9
P0_10
P0_11
VBAT
J12
J5
J13
J16
J15
J8
P25Q11U
MOSI
/CS
MISO
SCK
MOSI
/CS
MISO
SCK
J10
J14
J9
Sensor
DA14531 TINY Module
MCU
UTX
URX
GPIO
J1, J2, J3, J4, J6, J11
Figure 11: Example of Connecting a Sensor to the SPI Bus and an MCU to RST and UART
Note that P0_0/RST pin (J12) should not be driven while the TINYTM module boots from its internal
SPI FLASH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com