Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 11Page - Dialog Semiconductor DA14531MOD Datasheet HTML 12Page - Dialog Semiconductor DA14531MOD Datasheet HTML 13Page - Dialog Semiconductor DA14531MOD Datasheet HTML 14Page - Dialog Semiconductor DA14531MOD Datasheet HTML 15Page - Dialog Semiconductor DA14531MOD Datasheet HTML 16Page - Dialog Semiconductor DA14531MOD Datasheet HTML 17Page - Dialog Semiconductor DA14531MOD Datasheet HTML 18Page - Dialog Semiconductor DA14531MOD Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
15 of 32
© 2021-2021 Dialog Semiconductor
6
Packaging Information
6.1
Tape & Reel
Figure 6: Tape and Reel
The actual reel specifications are presented in the following table:
Table 9: Reel Specifications
Diameter
13 inch
Reel tape width
24 inch
Tape material
Antistatic
Qty/Reel
100/1000 pcs
Leader
400 mm + 10%
Trailer
160 mm + 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com