Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 7Page - Dialog Semiconductor DA14531MOD Datasheet HTML 8Page - Dialog Semiconductor DA14531MOD Datasheet HTML 9Page - Dialog Semiconductor DA14531MOD Datasheet HTML 10Page - Dialog Semiconductor DA14531MOD Datasheet HTML 11Page - Dialog Semiconductor DA14531MOD Datasheet HTML 12Page - Dialog Semiconductor DA14531MOD Datasheet HTML 13Page - Dialog Semiconductor DA14531MOD Datasheet HTML 14Page - Dialog Semiconductor DA14531MOD Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
11 of 32
© 2021-2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
IBAT_SLP_48KB
battery supply current with
system in extended sleep
mode and all RAM retained
2.1
μA
IBAT_RF_RX
battery supply current
Continuous RX; FLASH in
sleep mode; DCDC
converter is on;
2.3
mA
IBAT_RF_TX_+3
dBm
battery supply current
Continuous TX; FLASH in
sleep mode; DCDC
converter is on; Output
power at 2.5 dBm;
Note 1
4.3
mA
IBAT_RF_TX_0d
Bm
battery supply current
Continuous TX;FLASH in
sleep mode; DCDC
converter is on; Output
power at 0 dBm;
3.6
mA
IBAT_RF_TX_-
3dBm
battery supply current
Continuous TX;FLASH in
sleep mode; DCDC
converter is on; Output
power at -3.5 dBm;
2.8
mA
IBAT_RF_TX_-
7dBm
battery supply current
Continuous TX;FLASH in
sleep mode; DCDC
converter is on; Output
power at -7 dBm
2.3
mA
IBAT_RF_TX_-
19dBm
battery supply current
Continuous TX;FLASH in
sleep mode; DCDC
converter is on; Output
power at -19.5 dBm
1.5
mA
Note 1
The actual TX output power is slightly different than the one indicated in the parameter name
Table 5: XTAL32MHz - Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
fXTAL_32M
crystal oscillator frequency
32
MHz
ΔfXTAL
crystal frequency tolerance
After trimming; including
aging and temperature drift
-25
25
ppm
Table 6: Digital IO - Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIH
HIGH level input voltage
0.52
V
VIL
LOW level input voltage
0.27
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com