Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 18Page - Dialog Semiconductor DA14531MOD Datasheet HTML 19Page - Dialog Semiconductor DA14531MOD Datasheet HTML 20Page - Dialog Semiconductor DA14531MOD Datasheet HTML 21Page - Dialog Semiconductor DA14531MOD Datasheet HTML 22Page - Dialog Semiconductor DA14531MOD Datasheet HTML 23Page - Dialog Semiconductor DA14531MOD Datasheet HTML 24Page - Dialog Semiconductor DA14531MOD Datasheet HTML 25Page - Dialog Semiconductor DA14531MOD Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
22 of 32
© 2021-2021 Dialog Semiconductor
9
Soldering
The successful reflow soldering of the DA14531 TINYTM Module on a PCB depends on several
parameters such as the thickness of the stencil, the pads solder paste aperture, the solder paste
characteristics, the reflow soldering profile, size of the PCB, etc.
The volume of solder paste applied to the board is mainly determined by the aperture size and stencil
thickness. An initial solder paste aperture for the pads is provided on the solder paste layer of the
PCB footprint. This aperture is modified by the assembly process experts according to stencil
thickness, solder paste and available assembly equipment.
The solder profile depends on the solder paste type used. For example, the soldering profile of a
lead-free solder paste, Sn3Ag0.5Cu with no clean Flux (ROL0) and Solder Powder Type 4, is
presented below.
No clean flux is recommended because washing must not be applied after assembly to avoid that
moisture is trapped under the shield.
Figure 21: Recommended Reflow Profile for Lead Free Solder
Table 11: Reflow Profile Specification
Statistic name
Low limit
High limit
Units
Slope1 (Target=2.0) Between 30.0 and 70.0
1
3
Degrees/Second
Slope2 (Target=2.0) Between 70.0 and 150.0
1
3
Degrees/Second
Slope3 (Target=-2.8) Between 220.0 and 150.0
-5
-0.5
Degrees/Second
Preheat time 110-190
C
60
120
Seconds
Time above reflow @220
C
30
65
Seconds
Peak temperature
235
250
Degrees Celsius
Total time above @235
C
10
30
Second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com