Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 22Page - Dialog Semiconductor DA14531MOD Datasheet HTML 23Page - Dialog Semiconductor DA14531MOD Datasheet HTML 24Page - Dialog Semiconductor DA14531MOD Datasheet HTML 25Page - Dialog Semiconductor DA14531MOD Datasheet HTML 26Page - Dialog Semiconductor DA14531MOD Datasheet HTML 27Page - Dialog Semiconductor DA14531MOD Datasheet HTML 28Page - Dialog Semiconductor DA14531MOD Datasheet HTML 29Page - Dialog Semiconductor DA14531MOD Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
26 of 32
© 2021-2021 Dialog Semiconductor
○ Health: RSS-102 Issue 5:2015
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is subject to
the following two conditions: (1) this device may not cause interference, and (2) this device must accept
any interference, including interference that may cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux conditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si
le brouillage est susceptible d'en compromettre le fonctionnement.
RF Exposure Statement
This device complies with IC radiation exposure limits set forth for an uncontrolled environment and
meets RSS-102 of the IC radio frequency (RF) Exposure rules. This transmitter must not be co-located
or operating in conjunction with any other antenna or transmitter.
Le présent appareil est conforme à l'exposition aux radiations IC définies pour un environnement non
contrôlé et répond aux RSS-102 de la fréquence radio (RF) IC règles d'exposition. L'émetteur ne doit
pas être colocalisé ni fonctionner conjointement avec à autre antenne ou autre émetteur.
OEM Responsibilities to comply with IC Regulations:
OEM integrator is responsible for testing their end-product for any additional compliance
requirements needed for the module installation like IC ES003 (EMC). This can be combined with
the FCC Part 15B test.
End-product labelling
The DA14531 TINYTM Module is labelled with its own IC ID: 9576A-DA14531MOD. If the IC ID is not
visible when the module is installed inside another device, then the outside of the end-product into
which the module is installed must also display a label referring to the enclosed module. This exterior
label can use the following or similar wording:
“Contains IC ID: 9576A-DA14531MOD”
11.4 MIC (JAPAN)
The DA14531 TINYTM Module has received type certification as required to conform to the technical
standards regulated by the Ministry of Internal Affairs and Communications (MIC) of Japan pursuant
to the Radio Act of Japan.
The module has been tested according to the following standard:
○ Radio: JRL “Article 49-20 and the relevant articles of the Ordinance Regulating Radio”
Equipment
End-product may need to follow additional requirement according to regulation EMC.
End-product labelling
The MIC ID can be applied directly on end-product's label. The end-product may bear the GITEKI
mark and certification number so that is clear that the end-product contains a certified radio module.
The following note may be show next to, below, above the GITEKI mark and certification number in
order to indicate the presence of a certified radio module:
当該機器には電波法に基づく、技術基準適合証明等を受けた特定無線設備を装着している。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com