Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 20Page - Dialog Semiconductor DA14531MOD Datasheet HTML 21Page - Dialog Semiconductor DA14531MOD Datasheet HTML 22Page - Dialog Semiconductor DA14531MOD Datasheet HTML 23Page - Dialog Semiconductor DA14531MOD Datasheet HTML 24Page - Dialog Semiconductor DA14531MOD Datasheet HTML 25Page - Dialog Semiconductor DA14531MOD Datasheet HTML 26Page - Dialog Semiconductor DA14531MOD Datasheet HTML 27Page - Dialog Semiconductor DA14531MOD Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
24 of 32
© 2021-2021 Dialog Semiconductor
Table 15: Standards Conformance
Area
Item
Service
Standard
Certificate ID
Global
Safety for
module
CB
IEC 62368-1:2014
SG ITS-21032
Note 3
Europe
Wireless
RED
EN 300 328 v2.2.2
EN 62479:2010
SE-RED-2001958 Ed.1
Safety for
module
CE
EN 62368-1
EMC
RED
EN 301 489-1 v2.1.1
EN 301 489 v3.1.1
US/CA
Wireless
FCC ID
FCC PART 15 C:2017
Y82-DA14531MOD
IC ID
RSS-247 Issue 2:
February 2017
RSS-Gen Issue 4:
November 2014
9576A-DA14531MOD
Japan
Wireless
MIC
JRL
018-200152
Taiwan
Wireless
NCC
LP0002
CCAG20LP0160T6
South Korea
Wireless
MSIP
방송통신표준
KS X 3123 "무선 설비
적합성 평가 시험 방법"
KN 301 489
R-R-Dlg-DA14531MOD
South Africa
Wireless
ICASA
Based on RED
TA-2020/5882
Brazil
Wireless
Anatel
ATO No.14448/2017
Resolution No.680
05382-20-12967
China
Wireless
SRRC
信部无【2002】
353
2020DP5042
Thailand
Wireless
NBTC
NBTC TS 1035-2562
RT 1768
India
Wireless
WPC
Based on RED
ETA-SD-20210402433
Note 3
Include national differences of US / Canada / Japan / China / Korea / Europe / Australia / South Africa
/ Taiwan / Brazil / Thailand.
11.1 CE (Radio Equipment Directive 2014/53/EU (RED)) - (Europe)
The DA14531 TINYTM Module is a Radio Equipment Directive (RED) assessed radio that is CE
marked. The module has been manufactured and tested with the intention of being a sub assembly
to a final product. The module has been tested to RED 2014/53/EU Essential Requirements for
Health, Safety and Radio. The applicable standards are:
○ Radio: EN 300 328 V2.2.2 (2019-07)
○ Health: (SAR) EN 62479:2010
○ Safety: EN 62368-1
○ EMC: EN 301 489-1 v2.1.1, EN 301 489 v3.1.1
End-product will need to perform the radio EMC tests according to EN 301 489. The conducted tests
can be inherited from the module test report. It is recommended to repeat the EN 300 328 radiated
testing with the end-product assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com