Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 5Page - Dialog Semiconductor DA14531MOD Datasheet HTML 6Page - Dialog Semiconductor DA14531MOD Datasheet HTML 7Page - Dialog Semiconductor DA14531MOD Datasheet HTML 8Page - Dialog Semiconductor DA14531MOD Datasheet HTML 9Page - Dialog Semiconductor DA14531MOD Datasheet HTML 10Page - Dialog Semiconductor DA14531MOD Datasheet HTML 11Page - Dialog Semiconductor DA14531MOD Datasheet HTML 12Page - Dialog Semiconductor DA14531MOD Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
9 of 32
© 2021-2021 Dialog Semiconductor
Pin #
Pin Name
Type
Reset
State
Description
J15
P0_9
DIO
(Type A)
I-PD
INPUT/OUTPUT with selectable pull
up/down resistors. Pull-down enabled
during and after reset. General
purpose I/O port bit or alternate
function nodes. Contains state
retention mechanism during power
down
J16
P0_8
DIO
(Type A)
I-PD
INPUT/OUTPUT with selectable pull
up/down resistors. Pull-down enabled
during and after reset. General
purpose I/O port bit or alternate
function nodes. Contains state
retention mechanism during power
down
Note 1
There are two types of pads, namely Type A and Type B. Type A is a normal IO pad with a Schmitt
trigger on input while Type B has an extra RC Filter with a cutoff frequency of 100 kHz
Note 2
This pin is also used for the communication to the internal SPI FLASH
● I-PD is Input-Pulled Down
● I-PU is Input-Pulled Up
● DIO is Digital Input-Output
● PWR is power
● GND is Ground
4
Characteristics
All MIN/MAX specification limits are guaranteed by design, production testing and/or statistical
characterization. Typical values are based on characterization results at default measurement
conditions and are informative only.
Default measurement conditions (unless otherwise specified): VBAT= 3.0 V, TA = 25 oC. All radio
measurements are done with standard RF measurement equipment.
4.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 2: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
VBAT_LIM
limiting battery supply voltage
-0.1
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com