Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 19Page - Dialog Semiconductor DA14531MOD Datasheet HTML 20Page - Dialog Semiconductor DA14531MOD Datasheet HTML 21Page - Dialog Semiconductor DA14531MOD Datasheet HTML 22Page - Dialog Semiconductor DA14531MOD Datasheet HTML 23Page - Dialog Semiconductor DA14531MOD Datasheet HTML 24Page - Dialog Semiconductor DA14531MOD Datasheet HTML 25Page - Dialog Semiconductor DA14531MOD Datasheet HTML 26Page - Dialog Semiconductor DA14531MOD Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
23 of 32
© 2021-2021 Dialog Semiconductor
Solderability reflow check of 5 cycles was performed, applying the procedures mentioned in JESD-
A113E standard.
The MSL is an indicator for the maximum allowable time period (floor life time) in which a moisture
sensitive plastic device, once removed from the dry bag, can be exposed to an environment with a
maximum temperature of 30°C and a maximum relative humidity of 60 % RH before the solder reflow
process.
DA14531 TINY Module is qualified for MSL 3.
Table 12: MSL Level vs Floor Life Time
MSL Level
Floor Life Time
MSL 4
72 hours
MSL 3
168 hours
MSL 2A
4 weeks
MSL 2
1 year
MSL 1
Unlimited at 30°C/85%RH
10 Ordering Information
The ordering number consists of the part number followed by a suffix that indicates the packing
method. For details and availability, please consult your Dialog Semiconductor local sales
representative.
Table 13: Ordering Information (Samples)
Part Number
Size (mm)
Shipment Form
Pack Quantity
MOQ
DA14531MOD-00F0100C
12.5 x 14.5 x 2.8
Reel
100
3
Table 14: Ordering Information (Production)
Part Number
Size (mm)
Shipment Form
Pack Quantity
MOQ
DA14531MOD-00F01002
12.5 x 14.5 x 2.8
Reel
1000
1
11 Regulatory Information
This section outlines the regulatory information for the DA14531 TINYTM Module. The module is
certified for a global market. This facilitates the user end-product market entry. Please note that the
end-product would need to apply for the end-product certification, however the module certification
listed below will facilitate that procedure.
When the end user sends the end-product to those markets, the end-product may need to follow
additional requirements according to the specific market regulation.
For example, some markets have additional testing and/or certification like Korea EMC, South Africa
SABS EMC and some have the requirement to put on the end-product label a modular approval ID or
mark that consists of an approved Bluetooth® Low Energy modular ID on host label directly, like
Japan, Taiwan, Brazil.
A list with the Conformance Standards that DA14531 TINYTM Module meets is presented in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com