Electronic Components Datasheet Search
  English  ▼

X  

DA14531MOD Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # DA14531MOD
Description  SmartBond TINYTM Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531MOD Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button DA14531MOD Datasheet HTML 13Page - Dialog Semiconductor DA14531MOD Datasheet HTML 14Page - Dialog Semiconductor DA14531MOD Datasheet HTML 15Page - Dialog Semiconductor DA14531MOD Datasheet HTML 16Page - Dialog Semiconductor DA14531MOD Datasheet HTML 17Page - Dialog Semiconductor DA14531MOD Datasheet HTML 18Page - Dialog Semiconductor DA14531MOD Datasheet HTML 19Page - Dialog Semiconductor DA14531MOD Datasheet HTML 20Page - Dialog Semiconductor DA14531MOD Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DA14531MOD
SmartBond TINYTM Module
Final
Datasheet
Revision 3.1
31-May-2021
CFR0011-120-00
17 of 32
© 2021-2021 Dialog Semiconductor
8
Design Guidelines
The DA14531 SmartBond TINY
™ Module comes with an integrated PCB trace antenna. The
antenna area is 12x4 mm.
The antenna’s Voltage Standing Wave Ratio (VSWR) and efficiency
depend on the installation location.
The radiation performance of the PCB trace antenna depends on the host PCB layout. The maximum
antenna gain is -0.5 dBi when installed on a 50x50 mm reference board, as shown in Figure 19. The
radiation pattern is omnidirectional. The RF front end is optimized to achieve the maximum possible
efficiency for various installation positions of the module on a host PCB. To obtain similar
performance, follow the guidelines described in the following sections.
8.1
Installation Location
For optimum performance, install the module at the edge of a host PCB with the antenna edge facing
out. The module can be located on either of the outer corners or the middle of the host PCB with
equivalent performance.
The antenna should have 4 mm free space in all directions. Copper or laminate in the proximity of the
PCB trace antenna will affect the efficiency of the antenna. Laminate or copper under the antenna
should be avoided as it severely affects the performance of the antenna. The antenna keep-out area
can be seen in Figure 9.
Metals close to the antenna will degrade the antenna
’s performance. The amount of degradation
depends on the host system
’s characteristics.
Table 10 summarizes the antenna efficiency at different installation locations on a host PCB as
shown in Figure 8.
Table 10: Antenna Efficiency vs TINYTM Module Positions
Position # 1 (Left)
Position # 2 (Middle)
Position # 3 (Right)
Freq
Antenna efficiency
Antenna efficiency
Antenna efficiency
[MHz]
[%]
[dB]
[%]
[dB]
[%]
[dB]
2405
52
-2,8
40
-4,0
40
-4,0
2440
46
-3,4
34
-4,7
41
-3,9
2480
50
-3,0
40
-4,0
52
-2,8
Figure 8: Installation Locations for Optimum Antenna Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com