Electronic Components Datasheet Search
  English  ▼

X  

DA14682 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 35Page - Dialog Semiconductor DA14682 Datasheet HTML 36Page - Dialog Semiconductor DA14682 Datasheet HTML 37Page - Dialog Semiconductor DA14682 Datasheet HTML 38Page - Dialog Semiconductor DA14682 Datasheet HTML 39Page - Dialog Semiconductor DA14682 Datasheet HTML 40Page - Dialog Semiconductor DA14682 Datasheet HTML 41Page - Dialog Semiconductor DA14682 Datasheet HTML 42Page - Dialog Semiconductor DA14682 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
39 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
4.1.3 Switching from DC-DC to LDOs
If the converter is in idle mode it will check each output
every 2, 4, 8 or 16 clock cycles of the 16 MHz clock
and if it finds that one or more output voltages are too
low it will commence a charge cycle. It will then sort the
outputs that require charging, according to a configur-
able
sequence
(i.e.
DCDC_CTRL_0[DCDC_PRIORITY]) and handle each
output in turn. The first step is then to connect the
inductor to the battery voltage and the required output
and wait for the current in the inductor to reach a cer-
tain maximum (which is automatically adjusted
depending on the load current). The next step is to
switch the inductor from VBAT1 to ground and dis-
charge the current to zero.
In the case of the external power supply dropping down
to 2.4 V, and of course upon the load on each output, a
time-out on the charging cycle might occur. Hence the
output rail is not charged as expected and maybe the
DCDC converter cannot continue supplying this output
with the required power.
As soon as one of the switches is activated, a counter
starts running. If the switch is active for more than
DCDC_CTRL_1[DCDC_TIMEOUT] time then a time
out event is generated. A counter gathers the time out
events, compares the current value to a programmable
threshold
(DCDC_CTRL_3[DCDC_TIMEOUT_IRQ_TRIG]) and
issues an interrupt to the CPU indicating the phasing
out situation of the converter or immediately switches
to the LDOs. Whether the decision is to be taken by the
hardware circuitry or SW over the interrupt service rou-
tine is user programmable.
A separate counter gathers the successive charge
events and compared to a programmable threshold
(DCDC_CTRL_3[DCDC_TIMEOUT_IRQ_RES]
it
clears the time out event counter before an interrupt is
triggered. In this way, any short periodic stress inter-
vals for the DCDC will not result to switching to the
LDOs automatically.
The respective LDOs should be switched on before
disabling the DCDC converter (i.e. just before entering
a sleep mode). Each power rail (except Vcont and
Vsys) is covered by both a DCDC output and an LDO.
To switch off the DCDC, the user must enable the
LDO_IO_RETx (if external components need to stay
powered). If Vradio is required on, then LDO_RADIO
should be activated as well.
4.1.4 PMU configurations in Sleep modes
Every power line can be supplied by either a DC-DC
output or an LDO. Only Vcont and Vsys is not powered
by a DC-DC output. There is quite a number of different
ways of configuring the PMU to supply the internal rails
as well as external devices, while in sleep mode,
depending on the load, the sleep time etc. The Vsys
rail might or might not be used for supplying an exter-
nal device via pin V33. In the first case, a stable Volt-
age level might be needed hence the LDO_VBAT_RET
has to be used, a sample-and-hold type of LDO which
samples the bandgap voltage on a regular basis and
regulates accordingly. The regular wake-up is based
on the SLEEP_TIMER_REG value. In the latter case,
no precise voltage is needed on the V33, hence the
LDO_RET_clamp should be used which is not requir-
ing any sampling of the bandgap reference voltage,
and the average sleep current is not affected.
Figure 20: LDO_VBAT_RET loadstep 0 to 10mA (Cload=10uF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com