Electronic Components Datasheet Search
  English  ▼

X  

DA14682 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 9Page - Dialog Semiconductor DA14682 Datasheet HTML 10Page - Dialog Semiconductor DA14682 Datasheet HTML 11Page - Dialog Semiconductor DA14682 Datasheet HTML 12Page - Dialog Semiconductor DA14682 Datasheet HTML 13Page - Dialog Semiconductor DA14682 Datasheet HTML 14Page - Dialog Semiconductor DA14682 Datasheet HTML 15Page - Dialog Semiconductor DA14682 Datasheet HTML 16Page - Dialog Semiconductor DA14682 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
13 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
PCM interface (mapped on port Px_y)
PCM_DO
DO
OUTPUT. PCM data output.
PCM_DI
DI
INPUT. PCM data input.
PCM_CLK
DIO
INPUT/OUTPUT. PCM bus clock.
PCM_FSC
DIO
INPUT/OUTPUT. PCM frame sync.
PWM interface (mapped on port Px_y)
PWM0
DO
OUTPUT. Pulse Width Modulated output of Timer 0.
PWM1
DO
OUTPUT. Pulse Width Modulated output of Timer 0.
PWM2
DO
OUTPUT. Pulse Width Modulated output of Timer 2.
PWM3
DO
OUTPUT. Pulse Width Modulated output of Timer 2.
PWM4
DO
OUTPUT. Pulse Width Modulated output of Timer 2.
B8
PWM5
DO
OUTPUT. Pulse Width Modulated output of Timer 1. Mapped
on P0_6 in Sleep mode.
Analog interface
A27
ADC0
AI
INPUT. Analog to Digital Converter input 0. Mapped on P1_2.
A26
ADC1
AI
INPUT. Analog to Digital Converter input 1. Mapped on P1_4.
B23
ADC2
AI
INPUT. Analog to Digital Converter input 2. Mapped on P1_3.
A34
ADC3
AI
INPUT. Analog to Digital Converter input 3. Mapped on P0_7.
B8
ADC4
AI
INPUT. Analog to Digital Converter input 4. Mapped on P0_6.
B15
ADC5
AI
INPUT. Analog to Digital Converter input 5. Mapped on P1_0.
A28
ADC6
AI
INPUT. Analog to Digital Converter input 6. Mapped on P1_5.
A14
ADC7
AI
INPUT. Analog to Digital Converter input 7. Mapped on P2_4.
USB FS interface
A16
USBP
AIO
INPUT/OUTPUT. USB Full Speed D+ signal. Mapped on
P2_2.
A17
USBN
AIO
INPUT/OUTPUT. USB Full Speed D- signal. Mapped on
P1_1.
Radio transceiver
B20
RFIOP
AIO
INPUT/OUTPUT.
RF transceiver signal. Impedance 50

B19
RFIOM
AIO
INPUT/OUTPUT.
RF transceiver ground.
Miscellaneous
A21
RST
DI
INPUT. Reset signal (active HIGH). Maximum voltage: V33.
B10
LED1
AO
20
OUTPUT. White LED driver 1 (open drain).
A19
LED2
AO
20
OUTPUT. White LED driver 2 (open drain).
B11
LED3
AO
20
OUTPUT. White LED driver 3 (open drain).
A18
SOCP
AIO
INPUT/OUTPUT. Battery fuel gauge sense signal.
B9
SOCN
AIO
INPUT/OUTPUT. Battery fuel gauge reference ground. Con-
nect as star point.
Table 2: Pin description
Pin no. Pin name
Type
Drive
(mA)
Reset
state
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com