Electronic Components Datasheet Search
  English  ▼

X  

DA14682 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 36Page - Dialog Semiconductor DA14682 Datasheet HTML 37Page - Dialog Semiconductor DA14682 Datasheet HTML 38Page - Dialog Semiconductor DA14682 Datasheet HTML 39Page - Dialog Semiconductor DA14682 Datasheet HTML 40Page - Dialog Semiconductor DA14682 Datasheet HTML 41Page - Dialog Semiconductor DA14682 Datasheet HTML 42Page - Dialog Semiconductor DA14682 Datasheet HTML 43Page - Dialog Semiconductor DA14682 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
40 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
The overview of the power configurations is presented
in Table 10:
There are many ways of configuring the PMU, how-
ever, there are two main sleep configuration options
that cover almost all cases:
1. Power Configuration #1: This configuration is
ideal for a stand-alone system running from OTP
and without external components supplied by
the PMU during sleep or as a “shipping mode”
where no external components are hooked up
on V33 and components on V18/V18P are pow-
ered off. The Vsys rail is powered by the
LDO_RET(Clamp) hence a voltage ~2V is to be
observed at the V33 pin. The Vext and Vflash
are switched off. Finally, the Vcore is powered by
the LDO_SLEEP at lower than normal voltage
level to reduce leakage. Please note that, using
the RCX as the sleep clock in this mode is not
recommended because the RCX is powered by
Vsys which is not a stable voltage. The RCX fre-
quency is voltage dependent, so if voltage
changes sleep clock behaviour will also change.
This applies to Deep Sleep and Hibernation.
2. Power Configuration #2: This configuration is
the same as #1 but Vsys is now powered by
LDO_VBAT_RET, which is a sample and hold
LDO, thus guaranteeing a stable voltage on this
rail. This enables connecting external compo-
nents on the V33 pin of the system.
SLEEP_TIMER_REG has to be programmed
with a value to trigger the period wakeup of the
Bandgap. This is the recommended configura-
tion for systems with external components on
1.8V and/or 3.3V rails kept alive while the
DA14682 is in Extended Sleep mode.
4.1.5 Wake/Power up - Sleep Timing
There are two HW controlled FSMs which run at
power/wake up and when going to sleep as explained
in section 3.4.1 and section 3.4.2 respectively. Their
timing regarding the enabling/disabling of the various
resources of the PMU is explained in Figure 21 and
Figure 22:
In the case of powering up the system, the HW FSM as
depicted in Figure 3, enables the various LDOs while
Table 10: Sleep PMU configurations
Power
Rail
Power
Configuration #1
Power
Configuration #2
Vcont
always on powered by LDO_RET
Vsys
LDO_RET(CLAMP) LDO_VBAT_RET
Vflash
OFF
LDO_IO_RET
Vext
OFF
LDO_IO_RET2
Vcore
LDO_SLEEP
LDO_SLEEP
Vradio
OFF
OFF
Figure 21: Wake/Power-Up timing and PMU operations
Start V33
Start VDD 1V8 P
Start VDD 1V 8
Start VDD _CO RE
Sw itch
to RC16
CLK
RUNNIN G SW ...
LDO_VBAT
LDO_CO RE
LDO_IO 2
LDO _IO
DCDC_1V8
DCDC_1V8P
DCDC_1V2
DCDC_1V4
SLEEP
Wake Up Event
F ilter
WUP
LDO _IO 2_RET
LDO_IO_RET
LDO _VBAT_RET
W ake U p P rocess
HW
controlled
SW
controlled
Pow er U p
Wake U p
HW FSM
XTAL32K(30.5us) / RCX (87.7us)
RC32 (31.2us)
RC16 untrim m ed (~100ns)
RC16 trim m ed (~60ns)
RC16_Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com