| Electronic Components Datasheet Search |
|
DA14682 Datasheet(PDF) 66 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA14682 Datasheet(HTML) 66 Page - Dialog Semiconductor |
|
66 / 459 page ![]() Datasheet Revision 3.3 6-Feb-2020 CFR0011-120-00-FM Rev 5 66 of 459 © 2018-2020 Dialog Semiconductor DA14682 Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL 9AMBA Bus The DA14682 is equipped with a multi-layer AMBA bus which enables parallel data paths between different masters and slaves. The bus matrix comprises 2 main busses: • AHB-CPU bus where the Cache, or the CPU can be masters • AHB-DMA bus where the DMA the OTP Controller and the AES/HASH DMA can be masters Features • Enables data transfers from peripherals to memory while executing code from OTP or QSPI FLASH • Enables data transfers from RAM to BLE while exe- cuting code from OTP or QSPI FLASH • Provides programmable master priority on AHB- CPU bus • Provides programmable ICM priority for the con- nected Slaves • Enables AHB access of the CPU at the cache RAM if no cache functionality is required There are six slaves which are sitting behind intercon- nection multiplexers (ICMs), namely: • Memory controller which controls the DataRAM and the ROM cells • QSPI FLASH memory controller and memory • 16-bit APB peripheral registers • AHB register files for the rest of the resources as well as the TRNG RAM • 32-bit APB peripheral registers • Cache controller which enables AHB access of the Figure 40: AMBA Bus architecture Secure Channel Ctrl. Data RAM cells Cache AHB Reg. Files BLE reg CRYPTO reg OTPC reg ECC reg QSPI FLASH Mem.Ctrl. Legend: AHB/APB Master interface. AHB/APB Slave interface AHB/APB Bus AHB Interconnection Matrix (ICM) Arm Cortex-M0 QSPIC reg Re- map Addr0 TRNG RAM ROM AES/Hash DMA DMA APB-16 Bridge AON Reg. Files CRG reg WakeUp reg BLE Periph. Reg. Files UART reg SPI reg etc. Radio Reg. Files RF reg COEX reg Sys Reg. Files WDG reg DMA reg etc. OTP Mem HW patch APB‐32 Bridge Audio Reg. Files PCM reg etc OTPC OTPC reg Remap_ RAMS TRNG Reg. File ECC ROM Ctrl. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |