Electronic Components Datasheet Search
  English  ▼

X  

DA14682 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 64Page - Dialog Semiconductor DA14682 Datasheet HTML 65Page - Dialog Semiconductor DA14682 Datasheet HTML 66Page - Dialog Semiconductor DA14682 Datasheet HTML 67Page - Dialog Semiconductor DA14682 Datasheet HTML 68Page - Dialog Semiconductor DA14682 Datasheet HTML 69Page - Dialog Semiconductor DA14682 Datasheet HTML 70Page - Dialog Semiconductor DA14682 Datasheet HTML 71Page - Dialog Semiconductor DA14682 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
68 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
10
Memory Controller
The Memory controller is responsible for the interface
of the memory cells with the masters of the system
requesting for access. It comprises an arbiter which
allows for a configurable priority level between the 3
main masters of the RAM. The memory controller also
allows for the actual physical sequence of the RAM
cells in a continuous memory space enabling activation
of just the required amount of DataRAM thus saving on
power.
Features
• Five different RAM cells with retention capability
(one 8 kB, one 24 kB and three 32 kB)
• Full flexibility of re-arranging the first 3 RAM cells in
a continuous RAM space starting at 0x7FC0000
• Arbitration between the AHB masters (CPU or
DMAs) the BLE core and the ECC
• Retainable configuration of the RAM cells sequence.
The Shuffle_RAM word in the OTP header encodes the
sequence of the RAM cells. This is described in Table
25:
Selecting the appropriate shuffle value, the minimum
required memory space can be left retained during
sleep modes hence reducing the sleep power dissipa-
tion.
The Memory Controller contains an Arbiter which con-
nects to the following busses:
• ICM which multiplexes the CPU or the DMA access.
This interface is capable of operating at maximum
96MHz
• BLE Memory I/F: this is a memory interface from the
BLE 4.2 Core directly accessing the RAM used as
exchange memory (TX/RX descriptors etc.). This
interface is always operating at 16MHz.
• ECC Memory I/F: this is a memory interface from the
Elliptic Curve Crypto block directly accessing the
RAM used as crypto shared memory. This interface
is capable of operating at maximum 96MHz.
The Arbiter implements the priority scheme as depicted
in Figure 42:
Figure 41: Memory Controller Block Diagram and environment
Memory Controller
DataRAM 1
8KB
DataRAM 2
24KB
DataRAM 3
32KB
SYS_CTRL_REG[REMAP_RAMS]
BLE 4.2
BLE - AHB
BLE Mem I/F
Sequence
Config
DataRAM 4
32KB
DataRAM 5
32KB
0x7FD0000
0x7F
D800
0
ECC
ECC Mem I/F
Table 25: DataRAM cells sequence
Value
Cell
Addess
Size (kB)
0x0
DataRAM1
0x7FC0000
8
DataRAM2
0x7FC2000
24
DataRAM3
0x7FC8000
32
0x1
DataRAM2
0x7FC0000
24
DataRAM1
0x7FC6000
8
DataRAM3
0x7FC8000
32
0x2
DataRAM3
0x7FC0000
32
DataRAM1
0x7FC8000
8
DataRAM2
0x7FCA000
24
0x3
DataRAM3
0x7FC0000
32
DataRAM2
0x7FC8000
24
DataRAM1
0x7FCE000
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com