Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 2Page - Maxim Integrated Products DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products DS2792 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
6 of 40
FUNCTIONAL DIAGRAM
AVG CURRENT
TEMPERATURE
VOLTAGE2
(VIN2 - VIN1)
AUX VOLTAGE
(VX - AVSS)
MAXQ20
16-BIT RISC
CORE
JTAG
BOOTLOAD
AND DEBUG
INTERFACE
TIMER/
COUNTER
INTERRUPT
CONTROLLER
INSTRUCTION
OSCILLATOR
(1MHz)
PRECISION
ANALOG
OSCILLATOR
64 X 16
EEPROM
(DATA)
256 X 16 SRAM
(DATA)
4K X 16
EEPROM
(PROGRAM)
4K X 16 ROM
(UTILITY)
UART
INTERFACE
AND
BOOTLOADER
REGISTER FILE
DP[0]
DP[1]
BP[Offs]
P0.3/TCK
P0.0/TDI
P0.4/TDO
P0.1/TMS
CLK DIV
LDO
Regulator
VB
VDD_INT
VDD
CURRENT
(IS1 - IS2)
VOLTAGE1
(VIN1 - AVSS)
A/D
CONTROL
VIN1
VREF
TCI
P0.3
TTCK0:1
ANALOG
FRONT
END
ADC / MUX
ANALOG REGISTERS
IS1
IS2
SNS2
SNS1
VSS
AVSS
PORT
PIN
DRIVERS
P0.0/INT0/TDI
P0.1/INT1/TMS
P0.2/RST
P0.3/TCK
P0.4/TDO
P0.5
TXD
RXD
Tx
INT0,
INT1
Rx
SCI,
SDI
BOI, VI,
CI, TI
WATCHDOG
TIMER
WDI
VSS_INT
EEPROM
CHARGE
PUMP
VIN2
VX
SUSPEND
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com