Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 28Page - Maxim Integrated Products DS2792 Datasheet HTML 29Page - Maxim Integrated Products DS2792 Datasheet HTML 30Page - Maxim Integrated Products DS2792 Datasheet HTML 31Page - Maxim Integrated Products DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products DS2792 Datasheet HTML 34Page - Maxim Integrated Products DS2792 Datasheet HTML 35Page - Maxim Integrated Products DS2792 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
32 of 40
ANALOG-TO-DIGITAL CONVERSION
The DS2792 performs real-time measurements of system temperature, voltage, current, and accumulated current.
The DS2792’s ADC is controlled by an internal state machine that sequences the measurements, and stores the
results in memory. The conversion results of the ADC are mapped into data memory starting at word address
6000h, as shown in Table 13.
The DS2792 current measurement system is designed to provide timely data on charge and discharge current at a
moderate resolution level while simultaneously accumulating high resolution average data to support accurate
coulomb counting. Current is measured by sampling the voltage drop across a series sense resistor, RSNS,
connected between SNS1 and SNS2. Individual current samples are taken every 1/fSAMPLE (687µs). All samples are
averaged to report current, average current, and accumulated current values.
The DS2792 measures voltage on three separate inputs. The voltage of the lower cell, VIN1, is reported as the
measured difference between the VIN1 pin and analog ground pin AVSS. The voltage of the upper cell, VIN2, is
reported as the difference between the VIN2 and VIN1 pins. The auxiliary voltage, Vx, is reported both as an
absolute value of the difference between the Vx pin and AVSS, and as a ratio metric percentage of the voltage of
the VB pin. Individual voltage samples are taken approximately every 5/fSAMPLE (3.43ms). Multiple samples are
averaged to update the voltage measurement registers.
The DS2792 measures temperature directly on chip. Individual temperature samples are taken every 10/fSAMPLE
(6.87ms). Multiple samples are averaged to update the average temperature register.
Table 13. ADC Related Registers
WORD
ADDRESS
ACCESS
DESCRIPTION
6000h
Read Only
Vx Voltage Ratiometric
6001h
Read Only
Vx Voltage Absolute
6002h
Read Only
VIN2 Voltage
6003h
Read Only
VIN1 Voltage
6004h
Read Only
Current
6005h
Read Only
Temperature
6006h
R/W
Accumulated Current
6007h
Read Only
Accumulated Current (Middle Word)
6008h
Read Only
Accumulated Current (Lower Word)
6009h
Read Only
Average Current
600Ah
R/W
ADC Configuration
Current Measurement
The voltage signal developed across the sense resistor (between SNS1 and SNS2) is differentially sampled by the
ADC inputs via internal 10k
resistors connected between SNS1 and IS1, and SNS2 and IS2. Isolating the ADC
inputs (IS1 and IS2 pins) from the sense resistor with 10kŸ facilitates the use of an RC filter by adding a single
external capacitor. The RC filter extends the effective input range beyond ±64mV in pulse load or pulse charge
applications. The ADC accurately measures large peak signals as long as the differential signal level at IS1 and
IS2 does not exceed ±64mV.
The current register reports the average of 128 individual current samples every 88ms. The reported value
represents the average current during the 88ms measurement period. Figure 17 specifies the update interval and
resolution of the current register. Values are posted in two’s complement format. Positive values represent charge
currents (VIS1 > VIS2) and negative values represent discharge currents (VIS2 > VIS1). Positive currents above the
maximum register value are reported at the maximum value, 7FFFh. Negative currents below the minimum register
value are reported at the minimum value, 8000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com