Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2792 Datasheet HTML 1Page - Maxim Integrated Products DS2792 Datasheet HTML 2Page - Maxim Integrated Products DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1 of 40
REV: 021607
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2792 provides a user-programmable fuel
gauge solution for Li-Ion and NiMH chemistry battery
packs. A low-power, 16-bit MAXQ20 microcontroller
with generous program and data memory, combined
with an accurate measurement system for battery
current, voltage, and temperature provide the ideal
platform
for
customized
fuel-gauge
algorithms.
EEPROM data memory supports nonvolatile (NV)
in-pack
storage
of
charge
parameters,
cell
characteristics, usage history, and manufacturing/lot
tracking data.
APPLICATIONS
Digital Video Cameras
SLR Digital Still Cameras
Subnotebook PCs and Ultra-Portable PCs
Industrial PDAs, Handheld Computers, and GPS
FUNCTIONAL DIAGRAM
MAXQ is a registered trademark of Maxim Integrated Products,
Inc.
FEATURES
ƒ
Accurate Current Measurement for Coulomb
Counting (Current Accumulation)
1.5% ±4µV Over ±64mV Input Range
1.5% ±267µA Over ±4.2A Range Using an
External 15m
: Series Resistor
ƒ
High-Resolution Current Reporting
12-Bit + Sign Average Every 0.88ms
15-Bit + Sign Average Every 2.8s
ƒ
Three Voltage Measurement Sources
10-Bit Average from VIN1, VIN2–VIN1, and Vx
Inputs
ƒ
Temperature Measurement
10-Bit Using On-Chip Sensor
Ratiometric Input for External Thermistor (Vx)
ƒ
16-Bit MAXQ20 Low-Power Microcontroller
Efficient C-Language Programming
8k Words Total Program Memory:
4k Words EEPROM Program Memory
4k Words ROM Program Memory
64 Words Data EEPROM
256 Words Data RAM
Password-Protected Programming
ƒ
On-Chip, Low Drop-Out Regulator
2.5V to 10V Operating Range
ƒ
SHA-1 Hash Algorithm in ROM
ƒ
19.2kbps UART Interface
ƒ
Internal Oscillator: No Crystal Required
ƒ
Low-Power Consumption
1.5mA CPU Mode (1MHz), 145µA ANALOG
Mode, 50µA SLEEP Mode
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2792G+
-20ºC to +70ºC
TDFN-28
+ Denotes lead-free package.
Contact factory concerning Mask ROM devices.
Pin Configuration appears at end of data sheet.
DS2792
Programmable Fuel Gauge
with UART Interface
www.maxim-ic.com


Similar Part No. - DS2792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790 Datasheet
388Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
DS2790 MAXIM-DS2790 Datasheet
495Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
DS2790E MAXIM-DS2790E Datasheet
388Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
DS2790E+ MAXIM-DS2790E+ Datasheet
495Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
DS2790G MAXIM-DS2790G Datasheet
388Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
More results

Similar Description - DS2792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
DS2790 MAXIM-DS2790 Datasheet
388Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27425-G2 TI1-BQ27425-G2_15 Datasheet
1Mb / 39P
Fuel Gauge With Integrated Sense Resistor
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
Fuel Gauge With Integrated LDO
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790_V01 Datasheet
495Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
MAX1660 MAXIM-MAX1660_V01 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com