Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2792 Datasheet HTML 1Page - Maxim Integrated Products DS2792 Datasheet HTML 2Page - Maxim Integrated Products DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
2 of 40
ABSOLUTE MAXIMUM RATINGS
VDD, VIN2 to VSS....................................................................................................................................... -0.3V to +12V
P0.4, P0.5 to VSS................................................................................................................................ -0.3V to VB +0.3V
AVSS to VSS .............................................................................................................................................. -0.3V to +0.3V
All Other Pins to VSS .................................................................................................................................. -0.3V to +6V
TXD, P0.0–P0.5 Continous Sink Current ............................................................................... 20mA Each, 50mA Total
Operating Temperature Range.............................................................................................................. -40ºC to +85ºC
Storage Temperature Range ...............................................................................................................-55ºC to +125ºC
Soldering Temperature ................................................................................See IPC/JEDEC J-STD-020 Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyone those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CHARACTERISTICS
(VDD = 2.5V to 10V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C, VDD = 5.0V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+10
V
Voltage Range: VIN1, TXD, RXD,
P0.0–P0.3, SNS1, SNS2
(Note 1)
-0.3
5.5
V
Voltage Range: P0.4–P0.5
(Note 1)
-0.3
VB + 0.3
V
Voltage Range: VIN2
(Note 1)
-0.3
+10
V
Voltage Range: Vx
(Note 1)
-0.3
VB + 0.3
V
Output Voltage: VB
VVB
VDD > 3.5V, IO = 2mA,
(Note 1)
3.0
3.3
3.6
V
ELECTRICAL CHARACTERISTICS
(VDD = 2.5V to 10V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C, VDD = 5.0V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISLEEP
SLEEP mode
(Note 2)
25
50
PA
ISUSP
SUSPEND mode
(Note 3)
25
50
PA
IANALOG
ANALOG mode
(Note 4)
110
145
PA
Supply Current
ICPU
CPU mode
(Note 5)
0.8
1.5
mA
Power-On Reset Threshold
VRESET
1.0
1.6
2.2
V
Brownout Threshold
VBO
(Note 10)
2.0
2.2
2.4
V
Regulator Drop-Out
VDO:VB
VDD = 2.5V,
IVB = 2.0mA, (Note 6)
0.15
V
Current Measurement Input
Range
IFS
VIS1–VIS2
-64
+64
mV
Current Measurement Resolution
ILSB
15.625
PV/RSNS
0
oC ” T
A ” +50
oC
-0.5
+0.5
Current Measurement Gain Error
IGERR
-1
+1
% Full
Scale
Current Measurement Offset Error
IOERR
-7.8
+7.8
PV/RSNS
Accumulated Current Range
qFS
-204.8
+204.8
mVh/RSNS
Accumulated Current Resolution
qLSB
6.25
PVh/RSNS
OBEN = 1
-94
0
PVh/Day
Accumulated Current Offset
qCA
OBEN = 1,
RSNS = 0.015
-6.3
0
mAh/Day
Temperature Measurement
Range
TFS
-40
+85
oC
Temperature Measurement LSb
TLSB
0.125
oC
Temperature Measrement Error
TERR
-3
+3
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com