Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2792 Datasheet HTML 1Page - Maxim Integrated Products DS2792 Datasheet HTML 2Page - Maxim Integrated Products DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
5 of 40
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 7–10,
21, 25,
26, 28
N.C.
No Connection
2
VIN2
Battery Voltage Sense Input 2. Voltage measurement on VIN2 is
relative to VIN1.
3
VIN1
Battery Voltage Sense Input 1. Voltage measurement on VIN1 is
relative to AVSS.
4
Vx
Auxiliary ADC Input. Voltage measured ratiometrically with respect
to VB pin voltage or absolutely with respect to internal reference.
5
TXD
Serial Interface Data Transmit. Maximum of 19200bps.
6
RXD
Serial Interface Data Recieve. Maximum of 19200bps.
11
P0.0
Programmable I/O Pin. Alternate functions: external interrupt input
INT0, [JTAG TDI].
12
P0.1
Programmable I/O Pin. Alternate functions: external interrupt input
INT1, [JTAG TMS].
13
SNS2
Current-Sense Input. SNS2 attaches to the pack end of current-
sense resistor.
14
IS2
Current Filter Input 2
15
IS1
Current Filter Input 1
16
SNS1
Current-Sense Input. SNS1 attaches to the battery end of current-
sense resistor and VSS.
17
AVSS
Analog Supply Return Node. AVSS attaches to negative battery
terminal.
18
VSS
Digital Supply Return Node. VSS attaches to negative battery
terminal.
19
P0.2
Programmable I/O Pin. Alternate functions: reset input pin
RST.
20
P0.3
Programmable I/O Pin. Alternate functions: timer/counter input pin
TCK, [JTAG TCK].
22
P0.4
Programmable I/O Pin. Alternate function: [JTAG TDO]
23
P0.5
Programmable I/O Pin
24
VB
Bias Supply Output. Internally regulated to 3.3V. Bypass VB to VSS
with 0.1µF.
27
VDD
Input Supply. +2.5V to +10.0V input range. Bypass VDD to VSS with
0.1
PF.
—
PAD
Exposed PAD. Not electrically connected to IC. Connect to VSS or
leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com