Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2792 Datasheet HTML 1Page - Maxim Integrated Products DS2792 Datasheet HTML 2Page - Maxim Integrated Products DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
3 of 40
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1 Input Range (VIN1–VSS)
VFS1
(Notes 1, 7)
0
4.99
V
VIN1 LSb
VLSB1
4.88
mV
VIN2 Input Range (VIN2–VIN1)
VFS2
(Notes 1, 7)
0
4.99
V
VIN2 LSb
VLSB2
4.88
mV
VIN1, VIN2 Gain Error
VGERR
-1
+1
%
VIN1, VIN2 Offset
VOERR
-1
+1
LSb
Vx Input Range (Vx–VSS)
VFSX
(Note 1)
0
VB
V
Vx LSb
VLSBX
VB/1024
—
Vx Error
VERRX
-1
+1
% Full
Scale
VIN1, VIN2, Vx
Input Resistance
RIN
15
M
Current Measurement Sample
Frequency
fSAMPLE
(Note 8)
1456
Hz
Analog System Clock Frequency
fOSCA
69.9
kHz
VDD > 2.7V, TA = +25
oC
-0.7
+0.7
VDD > 2.7V,
0
oC ” T
A ” +50
oC
-2
+2
Analog System Clock Error
fERR:OSCA
-5
+5
%
OSCA active
1
CPU System Clock Startup Time
tSU:OSCI
From SLEEP,
OSCA inactive
700
PS
OSCA inactive
1000
kHz
CPU System Clock Frequency
fOSCI
OSCA active
14 x fOSCA
kHz
OSCA inactive
-20
+20
CPU System Clock Error
fERR:OSCI
OSCA active
fERR:OSCA
%
Suspend Period Error
tERR:SUS
-30
+30
%
Filter Resistors
IS1 to SNS1, IS2 to SNS2
RKS
7
10
13
k
Input Logic High: RXD
VIH:RXD
(Note 1)
1.5
V
Input Logic Low: RXD
VIL:RXD
(Note 1)
0.6
V
Input Logic High: P0.0–P0.5
VIH:P0
(Note 1)
0.7 x VB
V
Input Logic Low: P0.0–P0.5
VIL:P0
(Note 1)
0.3 x VB
V
Output Logic Low: TXD, P0.X
VOL
IOL = 4mA (Note 1)
0.4
V
P0.0–P0.3
Weak Pullup Current
IPU:P0
VPIN = VIH,
VDD > 2.7V
Bits PPU:0,1,2,3 set
0.15
22.0
PA
Output Logic High: P0.4–P0.5
VOH
IPIN = 1mA
Bits PPU:4,5 set
VB - 0.4
V
RXD, TXD Pulldown Current
IPD:UART
VPIN = VIL,
Bits PPU:6,7 clear
0.3
1.2
3
PA
RXD, TXD Pullup Current
VPU:UART
VPIN = VIL,
Bits PPU:6,7 set
0.3
1.2
3
PA
RXD, TXD Capacitance
CUART
50
pF
RXD Pulse Rejection
tSP:UART
Rising and falling edges
(Note 9)
50
ns
P0.0–P0.5 Pulse Rejection
tSP:P0
Rising and falling edges
10
ns
EEPROM RELIABILITY SPECIFICATION
(VDD = 2.5V to 10V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C, VDD = 5.0V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Copy Time
tEEC
10
15
ms
EEPROM Copy Endurance
NEEC
TA = +50°C
50,000
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com