Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 31Page - Maxim Integrated Products DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products DS2792 Datasheet HTML 34Page - Maxim Integrated Products DS2792 Datasheet HTML 35Page - Maxim Integrated Products DS2792 Datasheet HTML 36Page - Maxim Integrated Products DS2792 Datasheet HTML 37Page - Maxim Integrated Products DS2792 Datasheet HTML 38Page - Maxim Integrated Products DS2792 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
35 of 40
The lower 32 bits of ACR resolution (bits 2
-1 to 2-32) can be read by firmware from address locations 6007h and
6008h respectively. Note that since the lower bits are from separate address words it cannot be guaranteed that
they will contain data from the same measurement as the main ACR register at the time of reading. However, two
consecutive reads from addresses 6006h–6008h that contain the same data ensures that all data is from the same
measurement. When the ACR register is written, the lower ACR bits are automatically cleared.
Accumulation Blanking
In order to avoid the accumulation of small positive offset errors over long periods, an offset blanking filter is
provided. The blanking filter is enabled by setting the OBEN bit in the ADC configuration register. When OBEN is
set, charge currents (positive values from the current register) less than 62.5
PV are not accumulated in the ACR.
The minimum charge current accumulated in the ACR is 4.167mA for RSNS = 0.015
:.
Voltage Measurements
The DS2792 continually measures the voltage between pins VIN1 and AVSS and between pins VIN2 and VIN1 over
a 0.0V to VFS range. The VIN1 and VIN2 voltage registers are updated in two’s complement format every 13.8ms
with a resolution of 4.88mV. Voltages above the maximum register value are reported as the maximum value.
Figure 21. VIN1 Voltage Register Format
Word Address 6003h
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
“S”: sign bit
Units: 2
0 = 4.88 mV
Figure 22. VIN2 Voltage Register Format
Word Address 6002h
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
“S”: sign bit
Units: 2
0 = 4.88 mV
The DS2792 continually measures the voltage between pins Vx and VSS. The result is reported in two’s
complement absolute and ratiometric formats every 20ms. The Vx ratiometric voltage result is a ratio of voltage on
the Vx pin relative to the voltage on the VB pin. The LSb weighting is VB/1024. The Vx absolute voltage result uses
the internal reference and has a resolution of 4.88mV. Voltages above the maximum register value are reported as
the maximum register value.
Figure 23. Vx Ratiometric Register Format
Word Address 6000h
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
“S”: sign bit
Units: 2
0 = V
B/1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com