Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products DS2792 Datasheet HTML 10Page - Maxim Integrated Products DS2792 Datasheet HTML 11Page - Maxim Integrated Products DS2792 Datasheet HTML 12Page - Maxim Integrated Products DS2792 Datasheet HTML 13Page - Maxim Integrated Products DS2792 Datasheet HTML 14Page - Maxim Integrated Products DS2792 Datasheet HTML 15Page - Maxim Integrated Products DS2792 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
12 of 40
SYSTEM RESET
Several reset sources are provided for microcontroller control. Although code execution is halted in the reset state,
OSCI continues to run.
Power-On Reset: An internal power-on reset circuit enhances system reliability. This circuit forces the device to
perform a power-on reset whenever a rising voltage on VDD climbs above VPOR. At this point the following events
occur:
ƒ All registers and circuits enter their reset state.
ƒ The POR flag (WDCN.7) is set to indicate the source of the reset.
ƒ Code execution begins at location 8000h.
Watchdog Timer Reset: Software can determine if a reset is caused by a watchdog timeout by checking the
watchdog timer reset flag (WTRF) in the WDCN register. Execution resumes at location 8000h following a
watchdog timer reset.
External System Reset: Asserting the external
RST (port P0.2) pin low causes the device to enter the reset state.
The external reset function is described in the MAXQ Family User's Guide. Execution resumes at location 8000h
after the
RST pin is released.
MAXQ20 CORE POWER MANAGEMENT
The DS2792 is designed for low-power battery-monitoring applications. The peripherals have been designed with
the ability to wake the processor from SLEEP or ANALOG mode any time software intervention is needed. Power
management is optimized in the applications by performing any necessary processing as quickly as possible, and
re-entering the low power SLEEP or ANALOG mode. Processing resumes from SLEEP or ANALOG mode via any
of the following sources (when enabled):
ƒ An external interrupt is triggered.
ƒ An external reset signal is applied to the
RST pin.
ƒ A watchdog timer interrupt occurs.
ƒ An internal interrupt event occurs.
Note: No division of the internal system clock is supported, subsequently the PMME and CD[1:0] bits described in
the MAXQ Family User’s Guide are not implemented in the DS2792.
WATCHDOG TIMER
The watchdog timer provides a mechanism to reset the processor in the case of undesirable code execution. The
watchdog timer is a hardware timer designed to be periodically reset by the application software. If the software
operates correctly, the timer is reset before it reaches its maximum count. However, if undesireable code execution
prevents a reset of the watchdog timer, the timer reaches its maximum count and resets the processor.
The watchdog timer in the DS2792 differs in two respects from the one described in the MAXQ Family User's
Guide: 1) the clock used by the timer is the 70kHz OSCA clock that runs independently of the 1MHz OSCI (or
system) clock, and 2) the watchdog interrupt is an asynchronous interrupt that can bring the processor out of stop
mode.
The watchdog timer is controlled through bits in the WDCN register. Its timeout period can be set to one of the four
programmable intervals ranging from 2
12 to 221 OSCA clock periods (59ms up to 30s). The watchdog interrupt
occurs at the end of this timeout period, which is 512 OSCA clock periods, or 7.3ms, before the reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com