Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products DS2792 Datasheet HTML 34Page - Maxim Integrated Products DS2792 Datasheet HTML 35Page - Maxim Integrated Products DS2792 Datasheet HTML 36Page - Maxim Integrated Products DS2792 Datasheet HTML 37Page - Maxim Integrated Products DS2792 Datasheet HTML 38Page - Maxim Integrated Products DS2792 Datasheet HTML 39Page - Maxim Integrated Products DS2792 Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
36 of 40
Figure 24. Vx Absolute Voltage Register Format
Word Address 6001h
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
“S”: sign bit
Units: 2
0 = 4.88 mV
Temperature Measurement
The DS2792 uses an integrated temperature sensor to continually measure battery temperature. Temperature
measurements are updated in the temperature register every 220ms in two’s complement format with a resolution
of 0.125°C over a
r127°C range. The temperature register format is shown in Figure 25.
Figure 25. Temperature Register Format
Word Address 6005h
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
“S”: sign bit
Units: 2
0 = 0.125
qC
ADC Configuration Register
The ADC configuration register located at word address 600Ah controls current measurement bias and offset
blanking. ADC configuration register bits are read and write accessable by application code. IBIAS bits are
described in the current measurement bias section above. Offset blanking is controlled by the OBEN bit. If offset
blanking is enabled, the DS2792 assumes small positive currents do not occur in the application. Small positive
readings are considered A/D measurement error and are not accumulated.
Figure 26. ADC Configuration Register Format
ADDRESS
600Ah
BIT DEFINITION
Field
Bit
Format
Allowable Values
IBIAS
15:8
R/W
Current Measurement Bias
8-bit two’s complement value that is added to the current
measurement on every update.
Reserved
7:1
Read Only
Undefined
OBEN
0
R/W
Offset Blanking Enable
0 = All current measurements are accumulated into the ACR.
1 = Positive current measurements less than 62.5µV/RSNS are not
accumulated into the ACR.
PASSWORD-PROTECTED USER TRIM
System software can change current measurement gain, power-up state of the UART, and undervoltage threshold
of the IC through the user trim in program EEPROM (word addresses 001Eh–001Fh). The user trim values are
enabled through the trim key in the lower byte of address 001Fh. If the trim key is set to 76h, the user-trim values
replace the default trim values, if the trim key is set to any other value, default trim is selected. Note that either all
user-trim values are enabled or none are enabled. Figure 27 shows the format of all values that can be adjusted
and their default trim values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com