Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 29Page - Maxim Integrated Products DS2792 Datasheet HTML 30Page - Maxim Integrated Products DS2792 Datasheet HTML 31Page - Maxim Integrated Products DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products DS2792 Datasheet HTML 34Page - Maxim Integrated Products DS2792 Datasheet HTML 35Page - Maxim Integrated Products DS2792 Datasheet HTML 36Page - Maxim Integrated Products DS2792 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
33 of 40
Figure 17. Current Register Format
12-bit + sign resolution (13-bit), 88ms update interval
Word Address 6004h
S
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
MSb
LSb
“S”: sign bit(s)
Units: 2
0 = 15.625
PV/RSNS
CURRENT RESOLUTION (1 LSB)
RSNS
|VSS - VSNS|
25mŸ
20mŸ
15mŸ
10mŸ
15.625µV
625µA
781µA
1.042mA
1.56mA
CURRENT INPUT RANGE
RSNS
VSS - VSNS
25mŸ
20mŸ
15mŸ
10mŸ
±64mV
±2.56A
±3.2A
±4.27A
±6.40A
The average current register reports the average of 4096 current samples over a 2.8s measurement period. Figure
18 specifies the update interval and resolution of the average current register. Values are posted in the same
format as the current register, but with an additional 3 bits of resolution. Positive currents above the maximum
register value are reported at the maximum value, 7FFFh. Negative currents below the minimum register value are
reported at the minimum value, 8000h.
Figure 18. Average Current Register Format
15-bit + sign resolution (16-bit), 2.8s update interval
Word Address 6009h
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
“S”: sign bit(s)
Units: 2
0 = 1.953
PV/RSNS
AVERAGE CURRENT RESOLUTION (1 LSB)
RSNS
|VSS - VSNS|
25mŸ
20mŸ
15mŸ
10mŸ
1.953µV
78.13µA
97.66µA
130.2µA
195.3µA
Automatic Current Offset Correction
Continuous offset cancellation is performed automatically to correct for offsets in the current measurement system.
Individual values reported by the current register have a maximum offset of ±0.5 bits (±7.8125µV). Individual values
reported in the average current register have a maximum offset of ±4 bits (±7.8125µV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com