Electronic Components Datasheet Search
  English  ▼

X  

DS2792 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 3Page - Maxim Integrated Products DS2792 Datasheet HTML 4Page - Maxim Integrated Products DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products DS2792 Datasheet HTML 10Page - Maxim Integrated Products DS2792 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
7 of 40
TYPICAL OPERATING CIRCUIT
In Figure 2, the DS2792 is connected to the battery side of the pack protector. VDD is isolated with a 150
resistor.
Both VDD and the internally regulated voltage VB have 0.1µF bypass capacitors. The VIN1 and VIN2 pins sample
the voltage of each cell. Current flow through the cell pack is monitored by measuring the voltage drop across the
sense resistor RSNS. Cell temperature is measured ratiometrically through the general-purpose voltage input Vx.
The GPIO pin P0.5 gates the thermistor circuit to limit current flow between measurements. The UART signals
RXD and TXD are combined into a single 3.3V bidirectional I/O line. The I/O circuit causes no extra current drain
when idle.
Figure 2. Example Pack Circuit with Regulated I/O
DS2792
2-Cell Protection
IC
VDD
VB
VIN2
VIN1
VSS, AVSS
SNS1
SNS2
TxD
RxD
DATA
PACK+
PACK-
IS1
Vx
IS2
0.1µF
0.1µF
AT103-2
1K
1K
150
10K
RSNS
0.1µF
BSS84
1K
1K
1K
1K
1K
100
100
100
100
100
2N2222
2N2222
2N3906
[P0.0-P0.4]
P0.5
DETAILED DESCRIPTION
The following is an introduction to the primary features of the DS2792 programmable 2-cell Li-Ion fuel gauge. More
detailed descriptions of the device features can be found in the errata sheets and user's guides described later in
the Additional Documentation section.
DS2792 Overview
The DS2792 incorporates the 16-bit MAXQ20 microcontroller core with 16 accumulators and 16-level hardware
stack. Four memory blocks provide application code space, utility code space, RAM memory, and EEPROM
memory. Specialized peripherals are integrated to perform battery monitoring, coulomb counting, and UART
communication functions. The MAXQ20 core along with the specialized peripherals provide a flexible solution for
fuel gauging of Li-Ion or NiMH battery packs. Flexibility is further enhanced as the solution allows for upgrading of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com