Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 55Page - Maxim Integrated Products DS1877 Datasheet HTML 56Page - Maxim Integrated Products DS1877 Datasheet HTML 57Page - Maxim Integrated Products DS1877 Datasheet HTML 58Page - Maxim Integrated Products DS1877 Datasheet HTML 59Page - Maxim Integrated Products DS1877 Datasheet HTML 60Page - Maxim Integrated Products DS1877 Datasheet HTML 61Page - Maxim Integrated Products DS1877 Datasheet HTML 62Page - Maxim Integrated Products DS1877 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
59
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Table 02h, Register C6h: POLARITY
Table 02h, Register C2h
–C5h: RESERVED
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
These registers are reserved.
FACTORY DEFAULT
0Ah
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
C6h
RESERVED
RESERVED
RESERVED
RESERVED
DAC2P
RESERVED
DAC1P
RESERVED
BIT 7
BIT 0
BITS 7:4,
2, 0
RESERVED
BIT 3
DAC2P: DAC2 VALUE polarity. The DAC2 VALUE (Table 02h, Registers C8h–C9h) range is
000h–3FFh. A setting of 000h creates a pulse-density of zero and 3FFh creates a pulse-density of
1023/1024. This polarity bit allows the user to use GND or VREFIN as the reference. The power-on
of DAC2 VALUE is 000h; thus an application that needs VREFIN to be the off state should use the
inverted polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.
BIT 1
DAC1P: DAC1 VALUE polarity. The DAC1 VALUE (Table 02h, Registers CCh–CDh) range is
000h–3FFh. A setting of 000h creates a pulse-density of zero and 3FFh creates a pulse-density of
1023/1024. This polarity bit allows the user to use GND or VREFIN as the reference. The power-on
of DAC1 VALUE is 000h; thus an application that needs VREFIN to be the off state should use the
inverted polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com