Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 50Page - Maxim Integrated Products DS1877 Datasheet HTML 51Page - Maxim Integrated Products DS1877 Datasheet HTML 52Page - Maxim Integrated Products DS1877 Datasheet HTML 53Page - Maxim Integrated Products DS1877 Datasheet HTML 54Page - Maxim Integrated Products DS1877 Datasheet HTML 55Page - Maxim Integrated Products DS1877 Datasheet HTML 56Page - Maxim Integrated Products DS1877 Datasheet HTML 57Page - Maxim Integrated Products DS1877 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
54
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Table 02h, Register B9h: RESERVED
Table 02h, Register BAh: HLOS2
Table 02h, Register BBh: LLOS2
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
This register is reserved.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
(PW2 and QT2EN = 0) or (PW1 and RWTBL2 and QT2EN = 0)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
BAh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Fast comparison DAC threshold adjust for high LOS2. The combination of HLOS2 and LLOS2 creates a hys-
teresis comparator. As RSSI2 falls below the LLOS2 threshold, the LOS2 LO alarm bit is set to 1. The LOS2 LO
alarm remains set until the RSSI2 input is found above the HLOS2 threshold setting, which clears the LOS2 LO
alarm bit and sets the LOS2 HI alarm bit.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
(PW2 and QT2EN = 0) or (PW1 and RWTBL2 and QT2EN = 0)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
BBh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Fast comparison DAC threshold adjust for low LOS2. See HLOS2 (Table 02h, Register BAh) for the functional
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com