Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 5Page - Maxim Integrated Products DS1877 Datasheet HTML 6Page - Maxim Integrated Products DS1877 Datasheet HTML 7Page - Maxim Integrated Products DS1877 Datasheet HTML 8Page - Maxim Integrated Products DS1877 Datasheet HTML 9Page - Maxim Integrated Products DS1877 Datasheet HTML 10Page - Maxim Integrated Products DS1877 Datasheet HTML 11Page - Maxim Integrated Products DS1877 Datasheet HTML 12Page - Maxim Integrated Products DS1877 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
9
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Typical Operating Characteristics
(VCC = +3.3V, TA = +25NC, unless otherwise noted.)
RSSI1/RSSI2 INL
RSSI1/RSSI2 INPUT VOLTAGE (V)
2.0
1.5
1.0
0.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
2.5
USING FACTORY-PROGRAMMED
FULL-SCALE VALUE OF 2.5V
RSSI1/RSSI2 DNL
RSSI1/RSSI2 INPUT VOLTAGE (V)
2.0
1.5
1.0
0.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
2.5
USING FACTORY-PROGRAMMED
FULL-SCALE VALUE OF 2.5V
DAC1/DAC2 INL
DAC POSITION (DEC)
1000
500
-2
-1
0
1
2
3
-3
0
DAC1/DAC2 DNL
DAC POSITION (DEC)
1000
500
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.00
-40
85
DAC POSITIONS = 1FFh
SDA = SCL = VCC
VCC = 3.3V
VCC = 3.9V
VCC = 2.85V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
3.75
3.45
3.15
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.00
2.85
SDA = SCL = VCC
DACs AT 1FFh
+95°C
+25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com