Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 45Page - Maxim Integrated Products DS1877 Datasheet HTML 46Page - Maxim Integrated Products DS1877 Datasheet HTML 47Page - Maxim Integrated Products DS1877 Datasheet HTML 48Page - Maxim Integrated Products DS1877 Datasheet HTML 49Page - Maxim Integrated Products DS1877 Datasheet HTML 50Page - Maxim Integrated Products DS1877 Datasheet HTML 51Page - Maxim Integrated Products DS1877 Datasheet HTML 52Page - Maxim Integrated Products DS1877 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
49
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Table 02h, Register 8Eh: RIGHT-SHIFT2 (RSHIFT2)
Table 02h, Register 8Fh: RIGHT-SHIFT1 (RSHIFT1)
Table 02h, Register 90h
–91h: RESERVED
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
8Eh
RESERVED
RSSI2C2
RSSI2C1
RSSI2C0
RESERVED
RSSI2F2
RSSI2F1
RSSI2F0
BIT 7
BIT 0
Allows for right-shifting the final answer of RSSI2 COARSE and RSSI2 FINE. This allows for scaling the measurement to
the smallest full-scale voltage and then right-shifting the final result so the reading is weighted to the correct LSB.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
8Fh
RESERVED
RSSI1C2
RSSI1C1
RSSI1C0
RESERVED
RSSI1F2
RSSI1F1
RSSI1F0
BIT 7
BIT 0
Allows for right-shifting the final answer of RSSI1 COARSE and RSSI1 FINE. This allows for scaling the measure-
ments to the smallest full-scale voltage and then right-shifting the final result so the reading is weighted to the cor-
rect LSB.
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
These registers are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com