Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 30Page - Maxim Integrated Products DS1877 Datasheet HTML 31Page - Maxim Integrated Products DS1877 Datasheet HTML 32Page - Maxim Integrated Products DS1877 Datasheet HTML 33Page - Maxim Integrated Products DS1877 Datasheet HTML 34Page - Maxim Integrated Products DS1877 Datasheet HTML 35Page - Maxim Integrated Products DS1877 Datasheet HTML 36Page - Maxim Integrated Products DS1877 Datasheet HTML 37Page - Maxim Integrated Products DS1877 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
34
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Lower Memory, Register 68h
–69h: RSSI VALUE
Lower Memory, Register 6Ah
–6Dh: RESERVED
POWER-ON VALUE
0000h
READ ACCESS
All
WRITE ACCESS
N/A
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Volatile
68h
215
214
213
212
211
210
29
28
69h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Left-justified unsigned voltage measurement.
POWER-ON VALUE
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
6Ah–6Dh
0
0
0
0
0
0
0
0
BIT 7
BIT 0
These registers are reserved. The value when read is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com