Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1877 Datasheet HTML 1Page - Maxim Integrated Products DS1877 Datasheet HTML 2Page - Maxim Integrated Products DS1877 Datasheet HTML 3Page - Maxim Integrated Products DS1877 Datasheet HTML 4Page - Maxim Integrated Products DS1877 Datasheet HTML 5Page - Maxim Integrated Products DS1877 Datasheet HTML 6Page - Maxim Integrated Products DS1877 Datasheet HTML 7Page - Maxim Integrated Products DS1877 Datasheet HTML 8Page - Maxim Integrated Products DS1877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
3
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
I2C Communication ... ... .. ... .. ... ... .. ... .. ... ... .. ... ... .. ... ... .. ... ... .. ... ... .. ... .. ... . 20
I2C Definitions ..............................................................................20
I2C Protocol................................................................................ 21
Memory Organization .. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... . 23
Shadowed EEPROM ......................................................................... 24
Register Descriptions .. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... . 25
Memory Map Access Codes .................................................................. 25
Memory Addresses A0h, A2h, and B2h .......................................................... 25
Lower Memory Register Map .................................................................. 26
Table 01h Register Map ...................................................................... 26
Table 02h Register Map ...................................................................... 27
Table 04h Register Map ...................................................................... 27
Table 05h Register Map ...................................................................... 28
Auxiliary Memory A0h Register Map ............................................................ 28
Lower Memory Register Descriptions ............................................................29
Table 01h Register Descriptions ................................................................40
Table 02h Register Descriptions ................................................................43
Table 04h Register Descriptions ................................................................ 62
Auxiliary Memory A0h Register Descriptions ......................................................63
Applications Information.. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... .. 64
Power-Supply Decoupling.....................................................................64
SDA and SCL Pullup Resistors .................................................................64
Package Information.. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... .. 64
Revision History ... ... .. .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... ... ... .. ... .. ... ... .. ... ... .. .. 65
TABLE OF CONTENTS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com