Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 40Page - Maxim Integrated Products DS1877 Datasheet HTML 41Page - Maxim Integrated Products DS1877 Datasheet HTML 42Page - Maxim Integrated Products DS1877 Datasheet HTML 43Page - Maxim Integrated Products DS1877 Datasheet HTML 44Page - Maxim Integrated Products DS1877 Datasheet HTML 45Page - Maxim Integrated Products DS1877 Datasheet HTML 46Page - Maxim Integrated Products DS1877 Datasheet HTML 47Page - Maxim Integrated Products DS1877 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
44
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Table 02h, Register 81h: TEMPERATURE INDEX (TINDEX)
Table 02h, Register 82h
–85h: RESERVED
Table 02h, Register 86h: DEVICE ID
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
(PW2 and AEN = 0) or (PW1 and RWTBL2 and AEN = 0)
A2h AND B2h MEMORY
Common A2h and B2h memory locations
MEMORY TYPE
Volatile
81h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Holds the calculated index based on the temperature measurement. This index is used for the address during lookup
of Table 04h. Temperature measurements below -40NC or above +102NC are clamped to 80h and C7h, respectively.
The calculation of TINDEX is as follows:
Temp_Value 40 C
TINDEX
80h
2 C
+°
=
+
°
For the temperature-indexed LUTs (2NC), the index used during the lookup function for each table is as follows:
Table 04h (DAC)
1
TINDEX6
TINDEX5
TINDEX4
TINDEX3
TINDEX2
TINDEX1
TINDEX0
For the 8-position LUT tables, the following table shows the lookup function:
TINDEX
1000_0xxx
1001_0xxx
1001_1xxx
1010_0xxx
1010_1xxx
1011_0xxx
1011_1xxx
11xx_xxxx
BYTE
F8
F9
FA
FB
FC
FD
FE
FF
TEMP (NC)
< -8
-8 to +8
+8 to +24
+24 to +40
+40 to +56
+56 to +72
+72 to +88
R
+88
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
These registers are reserved.
FACTORY DEFAULT
77h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
N/A
MEMORY TYPE
ROM
86h
0
1
1
1
0
1
1
1
BIT 7
BIT 0
Hardwired connections to show the device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com