Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 57Page - Maxim Integrated Products DS1877 Datasheet HTML 58Page - Maxim Integrated Products DS1877 Datasheet HTML 59Page - Maxim Integrated Products DS1877 Datasheet HTML 60Page - Maxim Integrated Products DS1877 Datasheet HTML 61Page - Maxim Integrated Products DS1877 Datasheet HTML 62Page - Maxim Integrated Products DS1877 Datasheet HTML 63Page - Maxim Integrated Products DS1877 Datasheet HTML 64Page - Maxim Integrated Products DS1877 Datasheet HTML 65Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
64
Maxim Integrated
SFP Controller for Dual Rx Interface
DS1877
Auxiliary Memory A0h, Register 80h
–FFh: EEPROM
Applications Information
Power-Supply Decoupling
To achieve best results, it is recommended that the power
supply is decoupled with a 0.01FF or a 0.1FF capacitor.
Use high-quality, ceramic, surface-mount capacitors,
and mount the capacitors as close as possible to the
VCC and GND pins to minimize lead inductance.
SDA and SCL Pullup Resistors
SDA is an open-collector output on the device that
requires a pullup resistor to realize high logic levels. A
master using either an open-collector output with a pul-
lup resistor or a push-pull output driver can be used for
SCL. Pullup resistor values should be chosen to ensure
that the rise and fall times listed in the I2C AC Electrical
Characteristics table are within specification.
Package Information
For the latest package outline information and land patterns, go
to www.maximintegrated.com/packages. Note that a “+”, “#”,
or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
FACTORY DEFAULT
00h
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WAUXB) or WAUXBU
MEMORY TYPE
Nonvolatile (EE)
80h–FFh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Accessible with the slave address A0h.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 TQFN-EP
T2855+6
21-0140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com